Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AW Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US2AW
Description  .0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US2AW Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  US2AW Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US2AW Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2AW THRU US2MW
.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
* Terminals: Solder Plated Terminal-Solderable per MIL-STD-202, Method 208
GAOMI XINGHE ELECTRONICS CO.,LTD.                        WWW.SDDZG.COM
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
XINGHE ELECTRONICS
星合电子
1
* For Surface Mount Application
* Glass Passivated Chip
* Low Reverse Leakage Current
* Low Forward Voltage Drop And High Current Capability
* Ultra Fast Switching For High Efficiency
* Plastic Meterial Has UL Flammability Classification 94V-0
* Case : Molded Plastic
* Terminals: Solder Plated Terminal-Solderable per MIL-STD-202, Method 208
* Polarity :Indicated by cathode band
* Weight : 0.003 Ounce ,0.093 grams
Mechanical Data
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @T =75 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 2.0A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Maximun Reverse Recocery Time(Note1)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 3)
Operating Temperature Range
Storage Temperature Range
V
A
A
V
uA
C
C
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
J
T
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
-55 to+150
-55 to+150
F
C/W
2.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
3.Unit Mounted on PC board with 5.0 mm (0.03mm thick) land areas.
2.0
50
1.0
1.30
5.0
350
25
25
J
J
US2A US2B US2D US2G
US2K
US2J
US2M
1.70
P
R
Trr
50
ns
NOTES:1.Reverse Recovery Test Conditions: F=0.5A, R=1.0A,
=0.25A.
I
I
I
RR
T
A
A
T
100
2
2
Features
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
XH


Similar Part No. - US2AW

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AW YFWDIODE-US2AW Datasheet
83Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
US2AW CHENDA-US2AW Datasheet
642Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US2AW CHENDA-US2AW Datasheet
724Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2AW YFWDIODE-US2AW Datasheet
411Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US2AW SKTECHNOLGY-US2AW Datasheet
452Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US2AW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com