Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2JBF Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # US2JBF
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

US2JBF Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  US2JBF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. US2JBF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US2ABF THRU US2MBF
GAOMI XINGHE ELECTRONICS CO.,LTD.                        WWW.SDDZG.COM
2
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF R AT ED PEAK REVERSE V OL TAGE (%)
T = 100°C
j
T = 25°C
j
0.01
0.1
1.0
10
0
0.4
0.8
V , INSTANTANEOUS FORWARD V OLTAGE (V)
F
1.2
1.6
2.0
US2A - US2D
US2G
FIG.1 Forward Current Deration Curve
FIG.3 Forward Surge Current Derating Curve
FIG.4 Tpical Reverse Characteristics
FIG.5 Rverse Recover Time Characteristics and Test Circuit
FIG.2 Tpical Forward Characteristics
US2J - US2M
0
0.8
1.6
0.75
25
50
75
100
125
150
175
T , TERMINAL
TEMPERA TURE (°C)
T
2.0
0.4
1.2
0
10
20
30
1
10
100
NUMBER OF C YCLES AT 60Hz
Single Half-Sine-W ave
(JEDEC
Method)
40
50
60
.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
XINGHE ELECTRONICS
星合电子
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com