Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L293D
Description  PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293D Datasheet(HTML) 2 Page - STMicroelectronics

  L293D Datasheet HTML 1Page - STMicroelectronics L293D Datasheet HTML 2Page - STMicroelectronics L293D Datasheet HTML 3Page - STMicroelectronics L293D Datasheet HTML 4Page - STMicroelectronics L293D Datasheet HTML 5Page - STMicroelectronics L293D Datasheet HTML 6Page - STMicroelectronics L293D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
36
V
VSS
Logic Supply Voltage
36
V
Vi
Input Voltage
7
V
Ven
Enable Voltage
7
V
Io
Peak Output Current (100
µs non repetitive)
1.2
A
Ptot
Total Power Dissipation at Tpins = 90
°C4
W
Tstg, Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Decription
DIP
SO
Unit
Rth j-pins
Thermal Resistance Junction-pins
max.
–
14
°C/W
Rth j-amb
Thermal Resistance junction-ambient
max.
80
50 (*)
°C/W
Rth j-case
Thermal Resistance Junction-case
max.
14
–
(*) With 6sq. cm on board heatsink.
PIN CONNECTIONS (Top view)
SO(12+4+4)
Powerdip(12+2+2)
L293D - L293DD
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com