Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217L Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM217L
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217L Datasheet(HTML) 4 Page - STMicroelectronics

  LM217L Datasheet HTML 1Page - STMicroelectronics LM217L Datasheet HTML 2Page - STMicroelectronics LM217L Datasheet HTML 3Page - STMicroelectronics LM217L Datasheet HTML 4Page - STMicroelectronics LM217L Datasheet HTML 5Page - STMicroelectronics LM217L Datasheet HTML 6Page - STMicroelectronics LM217L Datasheet HTML 7Page - STMicroelectronics LM217L Datasheet HTML 8Page - STMicroelectronics LM217L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM217L/LM317L
4/10
Figure 1 : Current Limit
Figure 2 : Minimum Operating Current
APPLICATION INFORMATION
The LM317L provides an internal reference voltage of 1.25V between the output and adjustments
terminals. This is used to set a constant current flow across an external resistor divider (see fig. 4), giving
an output voltage VO of:
VO =VREF (1 + R2/R1)+ IADJ R2
The device was designed to minimize the term IADJ (100µA max) and to maintain it very constant with line
and load changes. Usually, the error term IADJ ×R2 can be neglected. To obtain the previous requirement,
all the regulator quiescent current is returned to the output terminal, imposing a minimum load current
condition. If the load is insufficient, the output voltage will rise.
Since the LM317L is a floating regulator and "sees" only the input-to-output differential voltage, supplies
of very high voltage with respect to ground can be regulated as long as the maximum input-to-output
differential is not exceeded. Furthermore, programmable regulator are easily obtainable and, by
connecting a fixed resistor between the adjustment and output, the device can be used as a precision
current regulator. In order to optimize the load regulation, the current set resistor R1 (see fig. 4) should be
tied as close as possible to the regulator, while the ground terminal of R2 should be near the ground of the
load to provide remote ground sensing.
Figure 3 : Basic Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com