Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z3K471-RJ-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # Z3K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z3K471-RJ-10 Datasheet(HTML) 3 Page - Superworld Electronics

  Z3K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
7. CHARACTERISTICS CURVES :
19.01.2015
FERRITE CHIP BEADS
Z3 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
1
10
100
1000
FREQUENCY(MHz)
0
10
20
30
40
50
60
HCB2012KF-300T30
Z
R
X
Z3K300-RN-10
1
1 0
1 00
1000
FREQUENCY(MHz)
0
40
80
120
160
200
HCB2012KF-800T30
Z
R
X
Z3K800-RN-10
1
1 0
100
1000
FREQUENCY(MHz)
0
100
200
300
HCB2012KF-121T20
Z
R
X
Z3K121-RL-10
1
1 0
10 0
1000
FREQUENCY(MHz)
0
100
200
300
400
HCB20 12KF-151T20
Z
R
X
Z3K151-RL-10
1
10
100
1000
FREQU ENCY(MHz)
0
200
400
600
HCB2012KF-221T20
Z
R
X
Z3K221-RL-10
1
10
100
1000
FREQUENCY(MHz)
0
200
400
600
HCB2012 KF-301T10
Z
R
X
Z3K301-RJ-10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com