Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4845ITL Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845ITL
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845ITL Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4845ITL Datasheet HTML 17Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 18Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 19Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 20Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 21Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 22Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 23Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 24Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Application Information (Continued)
SPI DESCRIPTION
0. I
2CSPI_SEL: This pin is tied HIGH for SPI mode.
1. The data bits are transmitted with the MSB first.
2. The maximum clock rate is 1MHz for the CLK pin.
3. CLK must remain HIGH for at least 500ns (t
CH ) after the
rising edge of CLK, and CLK must remain LOW for at least
500ns (t
CL) after the falling edge of CLK.
4. The serial data bits are sampled at the rising edge of CLK.
Any transition on DATA must occur at least 100ns (t
DS)
before the rising edge of CLK. Also, any transition on DATA
must occur at least 100ns (t
DH) after the rising edge of CLK
and stabilize before the next rising edge of CLK.
5.ID_ENB should be LOW only during serial data transmis-
sion.
6. ID_ENB must be LOW at least 100ns (t
ES ) before the first
rising edge of CLK, and ID_ENB has to remain LOW at least
100ns (t
EH) after the eighth rising edge of CLK.
7. If ID_ENB remains HIGH for more than 100ns before all 8
bits are transmitted then the data latch will be aborted.
8. If ID_ENB is LOW for more than 8 CLK pulses then only
the first 8 data bits will be latched and activated when
ID_ENB transitions to logic-high.
9. ID_ENB must remain HIGH for at least 100ns (t
EL ) to latch
in the data.
10. Coincidental rising or falling edges of CLK and ID_ENB
are not allowed. If CLK is to be held HIGH after the data
transmission, the falling edge of CLK must occur at least
100ns (t
CS) before ID_ENB transitions to LOW for the next
set of data.
201059F4
FIGURE 4. I
2C Timing Diagram
20105924
FIGURE 5. SPI Timing Diagram
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com