Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1007
Description  3-56 Stainless Steel Nut in 100 Each Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
3-56 Stainless Steel Nut in 100 Each Packages
Configuration
Description
Nut
Hex Size, in.
3/16
Pieces Per Package
100
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
3-56 Stainless Steel Nut in 100 Each Packages from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3-56 Stainless Steel Nut in 100 Each Packages PE1007
URL: http://www.pasternack.com/3-56-stainless-steel-nut-in-100-pe1007-p.aspx
PE1007
PE1007 REV
3-56 Stainless Steel Nut in 100 Each Packages


Similar Part No. - PE1007

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE100 EDI-PE100 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PE100 VISHAY-PE100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-10UV PERKINELMER-PE1000D-10UV Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
More results

Similar Description - PE1007

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-003H2-10SL-5 GLENAIR-257-003H2-10SL-5 Datasheet
338Kb / 2P
Stainless Steel, Jam Nut Mount Receptacle
logo
Pasternack Enterprises,...
PE1004-1-100PK PASTERNACK-PE1004-1-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.25 Inch Long Phillips in 100 Each Packages
PE1004-2-100PK PASTERNACK-PE1004-2-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.375 Inch Long Phillips in 100 Each Packages
PE1004-3-100PK PASTERNACK-PE1004-3-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.5 Inch Long Phillips in 100 Each Packages
PE1005-1 PASTERNACK-PE1005-1 Datasheet
203Kb / 2P
4-40 Stainless Steel Screw 0.25 Inch Long Phillips in 100 Each Packages
PE1005-2 PASTERNACK-PE1005-2 Datasheet
201Kb / 2P
4-40 Stainless Steel Screw 0.375 Inch Long Phillips in 100 Each Packages
PE1005-3 PASTERNACK-PE1005-3 Datasheet
202Kb / 2P
4-40 Stainless Steel Screw 0.5 Inch Long Phillips in 100 Each Packages
PE1008 PASTERNACK-PE1008 Datasheet
202Kb / 2P
4-40 Stainless Steel Nut in 100 Each Packages
PE1009 PASTERNACK-PE1009 Datasheet
559Kb / 2P
4-40 Zinc Plated Nut in 100 Each Packages
logo
Eaton All Rights Reserv...
MPL5271 EATON-MPL5271 Datasheet
94Kb / 2P
Eaton power pedestal water assemblies, Stainless steel silcock (hose bib),Stainless steel, 3/4 in
2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com