Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST87WMX6TR
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6TR Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST87WMX6TR Datasheet HTML 1Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 2Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 3Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 4Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 5Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 6Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 7Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 8Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
March 2006
M41ST87Y
M41ST87W
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC
and NVRAM Supervisor with Tamper Detection
Rev 6
FEATURES SUMMARY
■
5.0, 3.3, OR 3.0V OPERATING VOLTAGE
■
SERIAL INTERFACE SUPPORTS I2C BUS
(400kHz)
■
NVRAM SUPERVISOR FOR EXTERNAL
LPSRAM
■
2.5 TO 5.5V OSCILLATOR OPERATING
VOLTAGE
■
AUTOMATIC SWITCH-OVER AND
DESELECT CIRCUITRY
■
CHOICE OF POWER-FAIL DESELECT
VOLTAGES
–
M41ST87Y:
VCC = 4.75 to 5.5V;
THS Bit = '1': 4.50V
≤ VPFD ≤ 4.75V
VCC = 4.5 to 5.5V;
THS Bit = '0': 4.20V
≤ VPFD ≤ 4.50V
–
M41ST87W:
VCC = 3.0 to 3.6V;
THS Bit = '1': 2.8V
≤ VPFD ≤ 3.0V
VCC = 2.7 to 3.6V;
THS Bit = '0': 2.55V
≤ VPFD ≤ 2.70V
■
TWO INDEPENDENT POWER-FAIL
COMPARATORS (1.25V REFERENCE)
■
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, AND
CENTURY
■
128 BYTES OF GENERAL PURPOSE RAM
■
PROGRAMMABLE ALARM AND
INTERRUPT FUNCTION (VALID EVEN
DURING BATTERY BACK-UP MODE)
■
PROGRAMMABLE WATCHDOG TIMER
■
UNIQUE ELECTRONIC SERIAL NUMBER
(8-BYTE)
■
32kHz FREQUENCY OUTPUT AVAILABLE
UPON POWER-ON
■
MICROPROCESSOR POWER-ON RESET
■
BATTERY LOW FLAG
■
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 500nA (TYP)
SECURITY FEATURES
■
TAMPER INDICATION CIRCUITS WITH
TIMESTAMP AND RAM CLEAR
■
LPSRAM CLEAR FUNCTION (TPCLR)
■
PACKAGING INCLUDES A 28-LEAD,
EMBEDDED CRYSTAL SOIC
■
OSCILLATOR STOP DETECTION
Figure 1. Package
28-pin, (300mil)
SOX28 (MX)
EMBEDDED Crystal


Similar Part No. - M41ST87WMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST87WMX6TR STMICROELECTRONICS-M41ST87WMX6TR Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST87WMX6TR STMICROELECTRONICS-M41ST87WMX6TR Datasheet
1Mb / 54P
5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
19-May-2016
More results

Similar Description - M41ST87WMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Sep-2004
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
03-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com