Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451B7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M5451B7
Description  LED DISPLAY DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5451B7 Datasheet(HTML) 4 Page - STMicroelectronics

  M5451B7 Datasheet HTML 1Page - STMicroelectronics M5451B7 Datasheet HTML 2Page - STMicroelectronics M5451B7 Datasheet HTML 3Page - STMicroelectronics M5451B7 Datasheet HTML 4Page - STMicroelectronics M5451B7 Datasheet HTML 5Page - STMicroelectronics M5451B7 Datasheet HTML 6Page - STMicroelectronics M5451B7 Datasheet HTML 7Page - STMicroelectronics M5451B7 Datasheet HTML 8Page - STMicroelectronics M5451B7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M5450, M5451
4/12
Table 2. Static Electrical Characteristics
(Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V, unless otherwise specified)
Note: 1. Output matching is calculated as the percent variation from I MAX + IMIN/2.
2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
3. Absolute maximum for each output should be limited to 40mA.
4. The VO voltage should be regulated by the user. See Figure 7 and Figure 8 for allowable VO versus IO operation.
Figure 4. Input Data Format
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4
.75
13.2
V
IDD
Supply Current
VDD = 13.2V
7mA
VI
Input Voltage Logical "0" Level
± 10µA Input Bias
- 0.3
0.8
V
Logical "1" Level
4.75
≤ VDD ≤ 5.25
2
.2
VDD
V
VDD > 5.25
VDD - 2
VDD
V
IB
Brightness Input Current (note 2)
0
0
.75
mA
VB
Brightness Input Voltage (pin 19) Input Current = 750µA, Tamb = 25°C
34.3
V
VO(off)
Off State Out. Voltage
13.
2
V
IO
Out. Sink Current (note 3)
Segment OFF
VO = 3V
10
µA
Segment ON
VO = 1V (note 4)
Brightness In. = 0
µA0
10
µA
Brightness In. = 100
µ
2
27
4
mA
Brightness In. = 750
µA12
15
25
mA
fclock
Input Clock Frequency
0
0.5
MHz
IO
Output Matching (note 1)
± 20
%
36
BIT 34
CLOCK
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START
BIT 1
1
BIT 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com