Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962ES-3.3 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3962ES-3.3
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962ES-3.3 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3962ES-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 16Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 19Page - National Semiconductor (TI) LP3962ES-3.3 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Applications Information (Continued)
Heatsinking TO-263 and SOT-223 Packages
The TO-263 and SOT223 packages use the copper plane on
the PCB as a heatsink. The tab of these packages are
soldered to the copper plane for heat sinking.
Figure 3
shows a curve for the
θ
JA of TO-263 package for different
copper area sizes, using a typical PCB with 1 ounce copper
and no solder mask over the copper area for heat sinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 packag mounted to a PCB is
32˚C/W.
Figure 4 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
Figure 5 shows a curve for the
θ
JA of SOT-223 package for
different copper area sizes, using a typical PCB with 1 ounce
copper and no solder mask over the copper area for heat
sinking.
The following figures show different layout scenarios for
SOT-223 package.
10126632
FIGURE 3.
θ
JA vs Copper(1 Ounce) Area for TO-263
package
10126633
FIGURE 4. Maximum power dissipation vs ambient
temperature for TO-263 package
10126619
FIGURE 5.
θ
JA vs Copper(1 Ounce) Area for SOT-223
package
10126620
FIGURE 6. SCENARIO A,
θ
JA = 148˚C/W
10126621
FIGURE 7. SCENARIO B,
θ
JA = 125˚C/W
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com