Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ASTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7653ASTZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ASTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7653ASTZ Datasheet HTML 17Page - Analog Devices AD7653ASTZ Datasheet HTML 18Page - Analog Devices AD7653ASTZ Datasheet HTML 19Page - Analog Devices AD7653ASTZ Datasheet HTML 20Page - Analog Devices AD7653ASTZ Datasheet HTML 21Page - Analog Devices AD7653ASTZ Datasheet HTML 22Page - Analog Devices AD7653ASTZ Datasheet HTML 23Page - Analog Devices AD7653ASTZ Datasheet HTML 24Page - Analog Devices AD7653ASTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AD7653
Data Sheet
Rev. C | Page 20 of 26
DIGITAL INTERFACE
The AD7653 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or a parallel inter-
face. The serial interface is multiplexed on the parallel data bus.
The AD7653 digital interface also accommodates both 3 V and
5 V logic by simply connecting the OVDD supply pin of the
AD7653 to the host system interface digital supply. Finally, by
using the OB/2C input pin, both twos complement and straight
binary coding can be used.
The two signals, CS and RD, control the interface. CS and RD
have a similar effect because they are OR’d together internally.
When at least one of these signals is HIGH, the interface
outputs are in high impedance. Usually CS allows the selection
of each AD7653 in multicircuit applications and is held LOW in
a single AD7653 design. RD is generally used to enable the
conversion result on the data bus.
PARALLEL INTERFACE
The AD7653 is configured to use the parallel interface when
SER/PAR is held LOW. The data can be read either after each
conversion, which is during the next acquisition phase, or
during the following conversion, as shown in Figure 29 and
Figure 30, respectively. When the data is read during the
conversion, however, it is recommended that it is read only
during the first half of the conversion phase. This avoids any
potential feedthrough between voltage transients on the digital
interface and the most critical analog conversion circuitry.
The BYTESWAP pin allows a glueless interface to an 8-bit bus.
As shown in Figure 31, the LSB byte is output on D[7:0] and the
MSB is output on D[15:8] when BYTESWAP is LOW. When
BYTESWAP is HIGH, the LSB and MSB bytes are swapped and
the LSB is output on D[15:8] and the MSB is output on D[7:0].
By connecting BYTESWAP to an address line, the 16-bit data
can be read in two bytes on either D[15:8] or D[7:0].
SERIAL INTERFACE
The AD7653 is configured to use the serial interface when
SER/PAR is held HIGH. The AD7653 outputs 16 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 16 clock pulses provided on the SCLK pin. The output data
is valid on both the rising and falling edges of the data clock.
CURRENT
CONVERSION
BUSY
DATA
BUS
t12
t13
02966-0-013
RD
CS
Figure 29. Slave Parallel Data Timing for Reading
(Read after Convert Mode)
PREVIOUS
CONVERSION
t1
t3
t12
t13
t4
BUSY
DATA
BUS
02966-0-014
CNVST,
RD
CS = 0
Figure 30. Slave Parallel Data Timing for Reading
(Read during Convert Mode)
CS
RD
BYTESWAP
PINS D[15:8]
PINS D[7:0]
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
HI-Z
HI-Z
t12
t12
t13
02966-A-025
Figure 31. 8-Bit Parallel Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com