Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z4K301-RJ-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # Z4K301-RJ-10
Description  Ferrite Chip Bead ??Z4 Large Current Application Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z4K301-RJ-10 Datasheet(HTML) 1 Page - Superworld Electronics

  Z4K301-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z4K301-RJ-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ferrite Chip Bead – Z4 Large Current Application Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
28/12/2016
P1
1. Part No. Expression:
Z 4 K 3 0 0 - R N -
(a)(b)(c)
(d)
(e)(f)
(g)
(a) Series Code
(e) R: Reel
(b) Dimension Code
(f) Rated Current
(c) Material Code
(g) Internal Control Number
(d) Impedance Code
2. Configuration & Dimensions :
A
B
C
D
G
H
L
3.20 ± 0.20
1.60 ± 0.20
1.10 ± 0.20
0.50 ± 0.30
2.20 Ref.
1.40 Ref.
4.40 Ref.
3. Schematic
Unit: mm


Similar Part No. - Z4K301-RJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4K301-RJ-10 SUPERWORLD-Z4K301-RJ-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
More results

Similar Description - Z4K301-RJ-10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
Ferrite Chip Bead Series
MH3225_MDS BOURNS-MH3225_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH4532_MDS BOURNS-MH4532_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
Chip Ferrite Bead for High Current
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
Superworld Electronics
Z1M100-RM-10 SUPERWORLD-Z1M100-RM-10_17 Datasheet
256Kb / 5P
Ferrite Chip Bead ??Z1 Large Current Application Series
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com