Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4126 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4126
Description  SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4126 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4126 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4126 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4126 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 4 Hole Flange
• 5/16 inch Hex
Features
• Max. Operating Frequency 18 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4126 SMA male 4 hole flange mount connector with solder attachment stub terminal (.340 inch hole spacing)
is part of our full line of RF components available for same-day shipping. Our SMA male connector operates up to a maximum
frequency of 18 GHz and offers excellent VSWR of 1.25:1. This SMA 4 hole flange connector allows designers to create external
connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA male 4 hole flange connector PE4126 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.987 in [25.07 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
8 to 10 in-lbs [0.90 to 1.13 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole
Spacing PE4126
PE4126 REV 1.1
SMA Male Connector Solder Attachment 4 Hole Flange
Mount Stub Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4126


Similar Part No. - PE4126

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
logo
Pasternack Enterprises,...
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
logo
Peregrine Semiconductor...
PE4126-EK PEREGRINE-PE4126-EK Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
More results

Similar Description - PE4126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4127 PASTERNACK-PE4127 Datasheet
377Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE4127 PASTERNACK-PE4127_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
PE45339 PASTERNACK-PE45339 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com