Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-37SX0-RMS Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCP-37SX0-RMS
Description  Low PIM Latching TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-37SX0-RMS Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCP-37SX0-RMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-37SX0-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-37SX0-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-37SX0-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-37SX0-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-37SX0-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-37S Page 1
CCP-37S\072013\Q3
Series CCP-37S
Miniature DC–3 GHz
Low PIM Latching TRANSFER Coaxial Switch
COAX SWITCHES
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGE 6
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-37
S
6
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-37S
Commercial Latching TRANSFER, DC-3GHz, Low PIM
These switches are designed to have extremely low passive intermodulation for use in narrow bandwidth
communications applications. The CCP-37S is a long-life high performance transfer switch designed for
use in 50 Ohms coaxial transmission lines operating over frequencies ranging from DC to 3 GHz. The
switch is designed for minimum or where the contact paths are closed for long durations.
This switch is provided with a magnetic latching actuator which is particularly desirable in applications
where actuator power consumption must be kept to an absolute minimum. The latching type actuator
requires less switching current than the failsafe type.
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.2
Isolation, dB, min.
70
VSWR , max.
1.2:1
RF Power (cw), W, max
75 @ 3GHz
ELECTRICAL CHARACTERISTICS
Form Factor
Transfer,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
160 130 75
65 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-152.3
-146.7


Similar Part No. - CCP-37SX0-RMS

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-37SX0-RMS WILLOW-CCP-37SX0-RMS Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
More results

Similar Description - CCP-37SX0-RMS

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
Commercial Latching TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
Latching Coaxial Switch
CCS-47S TELEDYNE-CCS-47S Datasheet
605Kb / 9P
Latching TRANSFER Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
Latching Coaxial Switch
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
Transfer Electromechanical Relay Latching Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com