Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-47NX0-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCP-47NX0-R
Description  Latching TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-47NX0-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCP-47NX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-47N Page 1
CCP-47N\072013\Q3
Series CCP-47N
Low PIM DC–3 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
TRANSFER,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
20 ms (max.)
Recovery Time
100 ms (min.)
Cycle Rate
2 CPS (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
160 130 80
60 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
Type N
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PART NUMBERING SYSTEM
Connector
N: Type N Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 6
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-47
N
6
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-47N
Commercial Latching TRANSFER, DC-3GHz, Low PIM
These switches are designed to have extremely low passive intermodulation for use in narrow bandwidth
communications applications. The CCP-47N is a transfer, electromechanical, coaxial switch designed to
switch a microwave signal from a common input to either of two outputs. The characteristic impedance is
50 Ohms and is suitable to systems from DC-3GHz.
The CCP-47N series switch is offered with a latching actuator. The CCP-47N series switch is
interchangeable with a variety of switches.
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.3
Isolation, dB, min.
70
VSWR , max.
1.30:1
RF Power (cw), W, max.
200
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
161.8
159.2


Similar Part No. - CCP-47NX0-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
Failsafe TRANSFER Coaxial Switch
logo
Willow Technologies Ltd
CCP-47D10D WILLOW-CCP-47D10D Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-47D10M WILLOW-CCP-47D10M Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-47D10R WILLOW-CCP-47D10R Datasheet
405Kb / 6P
Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
More results

Similar Description - CCP-47NX0-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
Low PIM Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
Latching Coaxial Switch
CCS-47S TELEDYNE-CCS-47S Datasheet
605Kb / 9P
Latching TRANSFER Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
Latching Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
Transfer Electromechanical Relay Latching Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com