Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-47DXC-RMS Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CCP-47DXC-RMS
Description  Failsafe TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-47DXC-RMS Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CCP-47DXC-RMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-47DXC-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-47DXC-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-47DXC-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-47DXC-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-47DXC-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCP-47N Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-47N\072013\Q3
Series CCP-47D
Low PIM DC–3 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE TRANSFER
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
52
2
6Vsw
Vsw
7A
A
8B
B
9C
C
TRUTH TABLE (with TTL option)
Logic Input
RF Path
Indicator
(if applicable)
12
1-2
1-3
2-4
3-4
A
B
00
No Change
N/A
10
Off
On
On
Off
A & C
01
On
Off
Off
On
B & C
11
Forbidden
N/A
“-S OPTION” 9-PIN D-SUB CONNECTOR (EXAMPLE: CCP-47N60-S)
SCHEMATIC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com