Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-33SX0-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCP-33SX0-R
Description  Latching SPDT Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-33SX0-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCP-33SX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-33S Page 1
CCP-33S\072013\Q3
Series CCP-33S
Low PIM, Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.2
Isolation, dB, min.
90
VSWR , max.
1.25:1
RF Power (cw), W, max
75W @3GHz
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 6
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-33
S
6
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-33S
Commercial Latching SPDT, DC-3 GHz
These switches are classified to have extremely low passive intermodulation for use in narrow bandwidth
communications applications.
The CCP-33S is a broadband, SPDT, electromechanical, coaxial switch designed to switch a microwave
signal from a common input to either of two outputs. The characteristic impedance is 50 Ohms. The small
switches incorporate SMA connectors.
The CCP-33S series switch is offered with a latching actuator. This design is compatible with the two
most common mounting hole patterns. The CCP-33S series switch is interchangeable with a variety of
switches.
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
140 170 90
65 mA
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-143.1
-142.2


Similar Part No. - CCP-33SX0-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-33SX0-R WILLOW-CCP-33SX0-R Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
CCP-33SX0-RM WILLOW-CCP-33SX0-RM Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
CCP-33SX0-RMS WILLOW-CCP-33SX0-RMS Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
CCP-33SX0-RN WILLOW-CCP-33SX0-RN Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
CCP-33SX0-RNM WILLOW-CCP-33SX0-RNM Datasheet
382Kb / 6P
Commercial Latching SPDT, DC-3 GHz
More results

Similar Description - CCP-33SX0-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
Latching SPDT Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
Latching Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
Latching SPDT Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com