Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC280 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 9Page - Micrel Semiconductor MIC280 Datasheet HTML 10Page - Micrel Semiconductor MIC280 Datasheet HTML 11Page - Micrel Semiconductor MIC280 Datasheet HTML 12Page - Micrel Semiconductor MIC280 Datasheet HTML 13Page - Micrel Semiconductor MIC280 Datasheet HTML 14Page - Micrel Semiconductor MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor MIC280 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
November 2004
13
MIC280
MIC280
Micrel
Local Temperature Result Register (TEMP0)
8-bits, read-only
Local Temperature Result Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Temperature Data from ADC
Bit
Function
Operation
D[7:0]
Measured temperature data for the local zone.
Read only
Power-up default value:
0000 0000b = 00h (0°C)**
Read command byte:
0000 0000b = 00h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is reported
as 0000 0000b. See Temperature Data Format (above) for more details.
**TEMP0 will contain measured temperature data after the completion of one conversion.
Remote Temperature Result High-Byte Register (TEMP1h)
8-bits, read only
Remote Temperature Result High-Byte Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Temperature Data from ADC
Bit
Function
Operation
D[7:0]
Measured temperature data for the remote zone, most significant byte.
Read only
Power-up default value:
0000 0000b = 00h (0°C)**
Read command byte:
0000 0001b = 01h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is reported
as 0000 0000b. See Temperature Data Format (above) for more details.
TEMP1h can be read using either a Read_Byte operation or a Read_Word operation. Using Read_Byte will yield the 8-bit
value in TEMP1h. The complete remote temperature result in both TEMP1h and TEMP1l may be obtained by performing a
Read_Word operation on TEMP1h. The MIC280 will respond to a Read_Word with a command byte of 01h (TEMP1h) by
returning the value in TEMP1h followed by the value in TEMP1l. This guarantees that the data in both registers is from the
same temperature-to-digital conversion cycle. The Read_Word operation is diagramed in Figure 3. This is the only MIC280
register that supports Read_Word.
**TEMP1h will contain measured temperature data after the completion of one conversion.
Detailed Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com