Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWVHLPD2.EN Datasheet(PDF) 4 Page - OSRAM GmbH

Part # CWVHLPD2.EN
Description  Camera Flash and Video Light
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWVHLPD2.EN Datasheet(HTML) 4 Page - OSRAM GmbH

  CWVHLPD2.EN Datasheet HTML 1Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 2Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 3Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 4Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 5Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 6Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 7Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 8Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2017-07-12
4
Version 1.1
CW VHLPD2.EN
Characteristics (TS = 25 °C; IF = 1000 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 4) page 20
Farbkoordinaten nach CIE 1931 4) Seite 20
(typ.)
(typ.)
Cx
Cy
0.36
0.36
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage
5) page 20
Durchlassspannung 5) Seite 20
(min.)
(typ.)
(max.)
VF
VF
V
F
2.70
3.35
3.50
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Color rendering index
6) page 20
Farbwiedergabe Index
6) Seite 20
(typ.)
Ra
83
-
"Electrical" thermal resistance junction / solder point
7) page 20
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 7) Seite 20
(acc. to JEDEC 51-14 and 51-51, with efficiency
ηe = 25 %)
(typ.)
Rth JS el
2.6
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com