Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLPS1.CM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # GWJTLPS1.CM
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLPS1.CM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button GWJTLPS1.CM Datasheet HTML 9Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 10Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 11Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 12Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 13Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 14Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 15Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 16Page - OSRAM GmbH GWJTLPS1.CM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.0
GW JTLPS1.CM
2017-06-23
13
Forward Current 5) page 25 , 7) page 25
Durchlassstrom 5) Seite 25 , 7) Seite 25
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 25 , 7) page 25
Relativer Lichtstrom 5) Seite 25 , 7) Seite 25
ΦV/ΦV(150 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
ΔCx, ΔCy = f(IF); TJ = 25 °C
GW JTLPS1.CM
2,7
2,8
2,9
3,0
3,1
3,2
3,3
VF [V]
10
50
100
150
200
250
IF [mA]
GW JTLPS1.CM
10
50
10
0
15
0
20
0
25
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
V
Φ
V(150mA)
GW JTLPS1.CM
10
50
10
0
15
0
20
0
25
0
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com