Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCP-37SXE-RMS Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCP-37SXE-RMS
Description  Low PIM Latching TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-37SXE-RMS Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCP-37SXE-RMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-37SXE-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-37SXE-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-37SXE-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-37SXE-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-37SXE-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCP-37SPage 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-37S\072013\Q3
Series CCP-37S
Miniature DC–3 GHz
Low PIM Latching TRANSFER Coaxial Switch
COAX SWITCHES
LATCHING CCP-37S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
1
CCP-37SXC
43
CCP-37SX0
2
CCP-37SXC-D
44
CCP-37SX0-D
3
CCP-37SXC-DM
45
CCP-37SX0-DM
4
CCP-37SXC-DMS
46
CCP-37SX0-DMS
5
CCP-37SXC-DR
47
CCP-37SX0-DR
6
CCP-37SXC-DRM
48
CCP-37SX0-DRM
7
CCP-37SXC-DRMS
49
CCP-37SX0-DRMS
8
CCP-37SXC-DRS
50
CCP-37SX0-DRS
9
CCP-37SXC-DS
51
CCP-37SX0-DS
10
CCP-37SXC-M
52
CCP-37SX0-M
11
CCP-37SXC-MS
53
CCP-37SX0-MS
12
CCP-37SXC-R
54
CCP-37SX0-R
13
CCP-37SXC-RM
55
CCP-37SX0-RM
14
CCP-37SXC-RMS
56
CCP-37SX0-RMS
15
CCP-37SXC-RS
57
CCP-37SX0-RS
16
CCP-37SXC-S
58
CCP-37SX0-S
17
CCP-37SXC-T
59
CCP-37SX0-T
18
CCP-37SXC-TM
60
CCP-37SX0-TM
19
CCP-37SXC-TMS
61
CCP-37SX0-TMS
20
CCP-37SXC-TS
62
CCP-37SX0-TS
21
CCP-37SXD
22
CCP-37SXD-M
23
CCP-37SXD-MS
24
CCP-37SXD-R
25
CCP-37SXD-RM
26
CCP-37SXD-RMS
27
CCP-37SXD-RS
28
CCP-37SXD-S
29
CCP-37SXD-T
30
CCP-37SXD-TM
31
CCP-37SXD-TMS
32
CCP-37SXE
33
CCP-37SXE-M
34
CCP-37SXE-MS
35
CCP-37SXE-R
36
CCP-37SXE-RM
37
CCP-37SXE-RMS
38
CCP-37SXE-RS
39
CCP-37SXE-S
40
CCP-37SXE-T
41
CCP-37SXE-TM
42
CCP-37SXE-TMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com