Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDMLN31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KBDMLN31.13
Description  Automotive Lighting Interior and Exterior
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDMLN31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  KBDMLN31.13 Datasheet HTML 1Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 2Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 3Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 4Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 5Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 6Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 7Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 8Page - OSRAM GmbH KBDMLN31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-12-05
1
2016-12-05
SYNIOS P2720
Datasheet
Version 1.0
KB DMLN31.13
This compact LED device is part of the SYNIOS P2720
family. Given the scalability of this product family, it
provides full performance and flexibility with just one
footprint.
The KB DMLN31.13 product is meant to provide
superior light quality in ¼ mm² chip size class.
Diese kompakte LED ist Teil der SYNIOS P2720
Familie. Durch ihre Skalierbarkeit bietet die
Bauteilfamilie mit nur einem Lötpaddesign beste
Performance und umfangreiche Flexibilität im
midpower als auch highpower Bereich.
Die hier spezifizierte KB DMLN31.13 liefert höchste
Lichtqualität in der ¼ mm² Chipgrößenklasse.
Features:
Besondere Merkmale:
•
Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: blue (455 nm)
•
Farbe: blau (455 nm)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of IEC60810, Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie IEC60810: „Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages” getestet.
Applications
Anwendungen
•
Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und außen
•
Architectural Lighting indoor and outdoor
•
Architekturbeleuchtung innen und außen
•
Decorative Lighting
•
Dekorative Beleuchtung


Similar Part No. - KBDMLN31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KBDMLQ31.13 OSRAM-KBDMLQ31.13 Datasheet
1Mb / 22P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.4 2023-03-07
KBDMLQ31.13-7F5H-36-15B5 OSRAM-KBDMLQ31.13-7F5H-36-15B5 Datasheet
1Mb / 22P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.4 2023-03-07
More results

Similar Description - KBDMLN31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com