Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-39SX7C-RMS Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # CCR-39SX7C-RMS
Description  Latching Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-39SX7C-RMS Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button CCR-39SX7C-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-39SX7C-RMS Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CCR-39 Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-39S\072013\Q3
Series CCR-39S
Multi-Throw DC-12 GHz, SP7T & SP8T
Latching Coaxial Switch
COAX SWITCHES
LATCHING CCR-39S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.
1
CCR-39SX7C
43
CCR-39SX70-TMS
85
CCR-39SX80-TDS
2
CCR-39SX7C-D
44
CCR-39SX70-TS
86
CCR-39SX80-TM
3
CCR-39SX7C-DM
45
CCR-39SX8C
87
CCR-39SX80-TMS
4
CCR-39SX7C-DR
46
CCR-39SX8C-D
88
CCR-39SX80-TS
5
CCR-39SX7C-DRM
47
CCR-39SX8C-DM
6
CCR-39SX7C-DRS
48
CCR-39SX8C-DR
7
CCR-39SX7C-DS
49
CCR-39SX8C-DRM
8
CCR-39SX7C-M
50
CCR-39SX8C-DRS
9
CCR-39SX7C-MS
51
CCR-39SX8C-DS
10
CCR-39SX7C-R
52
CCR-39SX8C-M
11
CCR-39SX7C-RM
53
CCR-39SX8C-MS
12
CCR-39SX7C-RMS
54
CCR-39SX8C-R
13
CCR-39SX7C-RS
55
CCR-39SX8C-RM
14
CCR-39SX7C-S
56
CCR-39SX8C-RMS
15
CCR-39SX7C-T
57
CCR-39SX8C-RS
16
CCR-39SX7C-TD
58
CCR-39SX8C-S
17
CCR-39SX7C-TDM
39
CCR-39SX8C-T
18
CCR-39SX7C-TDMS
60
CCR-39SX8C-TD
19
CCR-39SX7C-TDS
61
CCR-39SX8C-TDM
20
CCR-39SX7C-TM
62
CCR-39SX8C-TDMS
21
CCR-39SX7C-TMS
63
CCR-39SX8C-TDS
22
CCR-39SX7C-TS
64
CCR-39SX8C-TM
23
CCR-39SX70
65
CCR-39SX8C-TMS
24
CCR-39SX70-D
66
CCR-39SX8C-TS
25
CCR-39SX70-DM
67
CCR-39SX80
26
CCR-39SX70-DR
68
CCR-39SX80-D
27
CCR-39SX70-DRM
69
CCR-39SX80-DM
28
CCR-39SX70-DRS
70
CCR-39SX80-DR
29
CCR-39SX70-DS
71
CCR-39SX80-DRM
30
CCR-39SX70-M
72
CCR-39SX80-DRS
31
CCR-39SX70-MS
73
CCR-39SX80-DS
32
CCR-39SX70-R
74
CCR-39SX80-M
33
CCR-39SX70-RM
75
CCR-39SX80-MS
34
CCR-39SX70-RMS
76
CCR-39SX80-R
35
CCR-39SX70-RS
77
CCR-39SX80-RM
36
CCR-39SX70-S
78
CCR-39SX80-RMS
37
CCR-39SX70-T
79
CCR-39SX80-RS
38
CCR-39SX70-TD
80
CCR-39SX80-S
39
CCR-39SX70-TDM
81
CCR-39SX80-T
40
CCR-39SX70-TDMS
82
CCR-39SX80-TD
41
CCR-39SX70-TDS
83
CCR-39SX80-TDM
42
CCR-39SX70-TM
84
CCR-39SX80-TDMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com