Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRT-53SXE-RMS Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CRT-53SXE-RMS
Description  Failsafe SPDT Coaxial Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-53SXE-RMS Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CRT-53SXE-RMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CRT-53SXE-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCRT-53S/CRT-53S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRT-53S\CRT-53S\082013\Q3
Series CCRT-53S/CRT-53S
Internal 50
Ω Termination DC-26.5 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
5
6Vsw
Vsw
7A
A
8B
B
9C
C
1
6
“-S OPTION” 9-PIN D-SUB CONNECTOR (EXAMPLE: CCRT-53S10-S)
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1IN
to 1
IN
to 2
AB
0
On
Terminated
C
0
1
Terminated
On
0
C
H = 1.75 MAX. STD & Indicator Model
H = 1.90 MAX. TTL Model
H = 2.05 MAX. 9-Pin D-Sub Model
Analog
Indicators
TTL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com