Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX83 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX83
Description  Miniature photointerrupters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX83 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX83 Datasheet HTML 1Page - OSRAM GmbH BPX83 Datasheet HTML 2Page - OSRAM GmbH BPX83 Datasheet HTML 3Page - OSRAM GmbH BPX83 Datasheet HTML 4Page - OSRAM GmbH BPX83 Datasheet HTML 5Page - OSRAM GmbH BPX83 Datasheet HTML 6Page - OSRAM GmbH BPX83 Datasheet HTML 7Page - OSRAM GmbH BPX83 Datasheet HTML 8Page - OSRAM GmbH BPX83 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor Arrays
Version 1.3
BPX 80, BPX 82 ... BPX 89
Features:
•
Spectral range of sensitivity:
(typ) 450 ... 1100 nm
•
Package: Miniature Array, Epoxy
•
Special: Multiple-digit array package
•
High linearity
•
Available in groups
Applications
•
Miniature photointerrupters
•
Industrial electronics
•
For control and drive circuits


Similar Part No. - BPX83

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX83 SIEMENS-BPX83 Datasheet
203Kb / 5P
NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
logo
OSRAM GmbH
BPX83 OSRAM-BPX83 Datasheet
313Kb / 7P
Lead (Pb) Free Product - RoHS Compliant
BPX83 OSRAM-BPX83 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX83 OSRAM-BPX83 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX83 OSRAM-BPX83 Datasheet
331Kb / 11P
Miniature photointerrupters
More results

Similar Description - BPX83

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG105 KODENSHI-SG105 Datasheet
84Kb / 2P
PHOTOINTERRUPTERS
SG222V2 KODENSHI-SG222V2 Datasheet
124Kb / 2P
Photointerrupters
logo
OSRAM GmbH
BPX87 OSRAM-BPX87_16 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX86 OSRAM-BPX86_16 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX85 OSRAM-BPX85_16 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX83 OSRAM-BPX83_16 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX82 OSRAM-BPX82_16 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX80 OSRAM-BPX80_16 Datasheet
331Kb / 11P
Miniature photointerrupters
SFH300 OSRAM-SFH300 Datasheet
444Kb / 9P
Photointerrupters
SFH4055 OSRAM-SFH4055 Datasheet
463Kb / 13P
Miniature photointerrupters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com