Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX82 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # BPX82
Description  Miniature photointerrupters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX82 Datasheet(HTML) 2 Page - OSRAM GmbH

  BPX82 Datasheet HTML 1Page - OSRAM GmbH BPX82 Datasheet HTML 2Page - OSRAM GmbH BPX82 Datasheet HTML 3Page - OSRAM GmbH BPX82 Datasheet HTML 4Page - OSRAM GmbH BPX82 Datasheet HTML 5Page - OSRAM GmbH BPX82 Datasheet HTML 6Page - OSRAM GmbH BPX82 Datasheet HTML 7Page - OSRAM GmbH BPX82 Datasheet HTML 8Page - OSRAM GmbH BPX82 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2016-01-04
2
Version 1.3
BPX 80, BPX 82 ... BPX 89
Ordering Information
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, E
e = 0.5 mW/cm
2,
V
CE = 5 V
BPX 82
> 320
Q62702P0021
BPX 83
> 320
Q62702P0025
BPX 84
> 320
Q62702P0030
BPX 85
> 320
Q62702P0031
BPX 86
> 320
Q62702P0022
BPX 87
> 320
Q62702P0032
BPX 88
> 320
Q62702P0033
BPX 89
> 320
Q62702P0026
BPX 80
> 320
Q62702P0028
Note:
Only one bin within one packing unit (variation less than 2:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com