Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCRT-33S6O-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCRT-33S6O-R
Description  Latching SPDT Coaxial Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRT-33S6O-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCRT-33S6O-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRT-33S6O-R Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CCRT-33S/CRT-33S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRT-33S\CRT-33S\082013\Q3
Series CCRT-33S/CRT-33S
Internal 50
Ω Termination DC–18 GHz/DC-22 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18
STANDARD
SMA
SWITCHES
TYPICAL POWER PERFORMANCE CURVE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com