Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCRT-33S7O-R Datasheet(PDF) 7 Page - Teledyne Technologies Incorporated

Part # CCRT-33S7O-R
Description  Latching SPDT Coaxial Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRT-33S7O-R Datasheet(HTML) 7 Page - Teledyne Technologies Incorporated

  CCRT-33S7O-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRT-33S7O-R Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCRT-33S/CRT-33S Page 7
CCRT-33S\CRT-33S\082013\Q3
Series CCRT-33S/CRT-33S
Internal 50
Ω Termination DC–18 GHz/DC-22 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that transfers
the RF contacts from one position to another upon DC
command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode limits
the “reverse EMF spike” generated when the coil de-energizes
to 0.7 volts. The diode cathode is connected to the positive side
of the coil and the anode is connected to the negative side.
Date Code
All switches are marked with either a unique serial number or a
date code. Date codes are in accordance with MIL-STD-1285
Paragraph 5.2.5 and consist of four digits. The first two digits
define the year and the last two digits define the week of the
year (YYWW). Thus, 1032 identifies switches that passed
through final inspection during the 32nd week of 2010.
Latching
A latching switch remains in the selected position whether
or not voltage is maintained. This can be accomplished with
either a magnetic or mechanical latching mechanism.
Indicator
Indicators tell the system which position the switch is in. Other
names for indicators are telemetry contacts or tellback circuit.
Indicators are usually a set of internally mounted DC contacts
linked to the actuator. They can be wired to digital input lines,
status lights, or interlocks. Unless otherwise specified, the
maximum indicator contact rating is 30 Vdc, 50 mA, or 1.5
Watts into a resistive load.
Internal Termination
Unselected ports are internally terminated to a matched load.
The load is 50Ω resistive device. The max RF power rating
is 2 Watts CW. Without the internal termination option, the
unselected ports are open circuits.
Isolation
Isolation is the measure of the power level at the output
connector of an unconnected RF channel as referenced to the
power at the input connector. It is specified in dB below the
input power level.
Self-Cutoff
The self-cutoff option disables the actuator current on
completion of actuation. Either a series contact (linked to the
actuator) or an IC driver circuit provides the current cutoff. This
option results in minimum power consumption by the RF switch.
Cutthroat is another name used in the industry for this option.
Pulse latching is a term used to describe a switch without this
feature.
SPDT Switch
A single-pole double-throw, bi-directional switch that can be
used as having one input and two outputs or two inputs and
one output.
Switching Time
Switching time is the total interval beginning with the arrival of
the leading edge of the command pulse at the switch DC input
and ending with the completion of the switch transfer, including
contact bounce. It consists of three parts: (1) inductive delay
in the coil, (2) transfer time of the physical movement of the
contacts, and (3) the bounce time of the RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both
failsafe and latching switches, which are compatible with
industry-standard low-power Schottky TTL circuits.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches
is frequency dependent. With increasing frequency, VSWR
and insertion loss increase while isolation decreases. All data
sheets specify these three parameters as “worst case” at the
highest operating frequency. If the switch is to be used over a
narrow frequency band, better performance can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive
current. For switches operating at 28 VDC, the approximate
actuator drive current at temperature, T, can be calculated
using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous
materials and external magnetic fields. Neighboring ferrous
materials should be permitted no closer than 0.5 inches and
adjacent external magnetic fields should be limited to a flux
density of less than 5 Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=
Carrier
Frequency 1
Carrier
Frequency 2
PIM 3rd Order
Frequency
PIM 5th
Order Fre-
quency
870 MHz
893 MHz
847 MHz
824 MHz
3rd Order
Intermodulation
5th Order
Intermodulation
SPDT
–91 dBm
–110 dBm
–134 dBc
–153 dBc
SPECIAL FEATURE
Switching High-Power or Highly Sensitive Signals
Ensure the most linear response with the best galvanically
matched contact system in the industry. Extremely low
passive intermodulation is standard on all of our switches.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com