Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCS-47N8D-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCS-47N8D-R
Description  Latching TRANSFER Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-47N8D-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCS-47N8D-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-47N8D-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-47/CS-47 Page 1
CCS-47\CS-47\082013\Q3
Series CCS-47/CS-47
High Power DC–12 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
TRANSFER,
break before make
Frequency Range
CCS-47
CS-47
DC–12 GHz
DC–12 GHz
Characteristic Impedance
50 Ohms
Operate Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
160 130 80
60 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCS-47
Elite Model, CS-47
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
3,000,000 cycles
1,000,000 cycles
Connector Type
Type N or TNC
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PART NUMBERING SYSTEM
Connector
N: Type N Female
T: TNC Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 8-9
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCS-47
N
6
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCS-47
Commercial Latching TRANSFER, DC-12GHz
CS-47
Elite Latching TRANSFER, DC-12GHz
The CCS-47/CS-47 is a long-life high performance transfer switch designed for use in 50 Ohms coaxial
transmission lines operating over frequencies ranging from DC to 12 GHz. The switch is designed for
minimum size compatible with Type N or TNC connector spacing.
This switch is provided with a magnetic latching actuator which is particularly desirable in applications
where actuator power consumption must be kept to an absolute minimum. The latching type actuator
requires less switching current than the failsafe type. In the self-cutoff version, power is applied only for
the very short duration (approximately 50 msec. max.) of the actuator transfer from one position of the
other. This makes this type of actuator especially suitable for portable battery operated systems.
PERFORMANCE CHARACTERISTICS: N CONNECTOR OPTION (TNC CONNECTOR, 11GHZ MAX.)
Frequency
DC–2 GHz
2–5 GHz
5–8 GHz
8–10 GHz
10-12 GHz
Insertion Loss, dB,
max.
0.2
0.2
0.3
0.5
0.5
Isolation, dB, min.
70
70
70
65
60
VSWR , max.
1.2:1
1.3:1
1.3:1
1.5:1
1.5:1


Similar Part No. - CCS-47N8D-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCS-47NX0 TELEDYNE-CCS-47NX0 Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
CCS-47NX0-D TELEDYNE-CCS-47NX0-D Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DM TELEDYNE-CCS-47NX0-DM Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DMS TELEDYNE-CCS-47NX0-DMS Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
CCS-47NX0-DS TELEDYNE-CCS-47NX0-DS Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCS-47N8D-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
Low PIM Latching TRANSFER Coaxial Switch
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
Latching Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151_15 Datasheet
434Kb / 5P
Transfer Electromechanical Relay Latching Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com