Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCS-47T8D-R Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCS-47T8D-R
Description  Latching TRANSFER Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCS-47T8D-R Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCS-47T8D-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCS-47T8D-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CCS-47/CS-47 Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-47\CS-47\082013\Q3
Series CCS-47/CS-47
High Power DC–12 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
LATCHING CCS-47N/CS-47N • CCS-47T/CS-47T PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
1
CCS-47NXC
43
CCS-47NX0
85
CS-47NXD-MS
127
CCS-47TXC-DM
2
CCS-47NXC-D
44
CCS-47NX0-D
86
CS-47NXD-R
128
CCS-47TXC-DMS
3
CCS-47NXC-DM
45
CCS-47NX0-DM
87
CS-47NXD-RM
129
CCS-47TXC-DR
4
CCS-47NXC-DMS
46
CCS-47NX0-DMS
88
CS-47NXD-RMS
130
CCS-47TXC-DRM
5
CCS-47NXC-DR
47
CCS-47NX0-DR
89
CS-47NXD-RS
131
CCS-47TXC-DRMS
6
CCS-47NXC-DRM
48
CCS-47NX0-DRM
90
CS-47NXD-S
132
CCS-47TXC-DRS
7
CCS-47NXC-DRMS
49
CCS-47NX0-DRMS
91
CS-47NXD-T
133
CCS-47TXC-DS
8
CCS-47NXC-DRS
50
CCS-47NX0-DRS
92
CS-47NXD-TM
134
CCS-47TXC-M
9
CCS-47NXC-DS
51
CCS-47NX0-DS
93
CS-47NXD-TMS
135
CCS-47TXC-MS
10
CCS-47NXC-M
52
CCS-47NX0-M
94
CS-47NXE
136
CCS-47TXC-R
11
CCS-47NXC-MS
53
CCS-47NX0-MS
95
CS-47NXE-M
137
CCS-47TXC-RM
12
CCS-47NXC-R
54
CCS-47NX0-R
96
CS-47NXE-MS
138
CCS-47TXC-RMS
13
CCS-47NXC-RM
55
CCS-47NX0-RM
97
CS-47NXE-R
139
CCS-47TXC-RS
14
CCS-47NXC-RMS
56
CCS-47NX0-RMS
98
CS-47NXE-RM
140
CCS-47TXC-S
15
CCS-47NXC-RS
57
CCS-47NX0-RS
99
CS-47NXE-RMS
141
CCS-47TXC-T
16
CCS-47NXC-S
58
CCS-47NX0-S
100
CS-47NXE-RS
142
CCS-47TXC-TM
17
CCS-47NXC-T
59
CCS-47NX0-T
101
CS-47NXE-S
143
CCS-47TXC-TMS
18
CCS-47NXC-TM
60
CCS-47NX0-TM
102
CS-47NXE-T
144
CCS-47TXC-TS
19
CCS-47NXC-TMS
61
CCS-47NX0-TMS
103
CS-47NXE-TM
145
CCS-47TXD
20
CCS-47NXC-TS
62
CCS-47NX0-TS
104
CS-47NXE-TMS
146
CCS-47TXD-M
21
CCS-47NXD
63
CS-47NXC
105
CS-47NX0
147
CCS-47TXD-MS
22
CCS-47NXD-M
64
CS-47NXC-D
106
CS-47NX0-D
148
CCS-47TXD-R
23
CCS-47NXD-MS
65
CS-47NXC-DM
107
CS-47NX0-DM
149
CCS-47TXD-RM
24
CCS-47NXD-R
66
CS-47NXC-DMS
108
CS-47NX0-DMS
150
CCS-47TXD-RMS
25
CCS-47NXD-RM
67
CS-47NXC-DR
109
CS-47NX0-DR
151
CCS-47TXD-RS
26
CCS-47NXD-RMS
68
CS-47NXC-DRM
110
CS-47NX0-DRM
152
CCS-47TXD-S
27
CCS-47NXD-RS
69
CS-47NXC-DRMS
111
CS-47NX0-DRMS
153
CCS-47TXD-T
28
CCS-47NXD-S
70
CS-47NXC-DRS
112
CS-47NX0-DRS
154
CCS-47TXD-TM
29
CCS-47NXD-T
71
CS-47NXC-DS
113
CS-47NX0-DS
155
CCS-47TXD-TMS
30
CCS-47NXD-TM
72
CS-47NXC-M
114
CS-47NX0-M
156
CCS-47TXE
31
CCS-47NXD-TMS
73
CS-47NXC-MS
115
CS-47NX0-MS
157
CCS-47TXE-M
32
CCS-47NXE
74
CS-47NXC-R
116
CS-47NX0-R
158
CCS-47TXE-MS
33
CCS-47NXE-M
75
CS-47NXC-RM
117
CS-47NX0-RM
159
CCS-47TXE-R
34
CCS-47NXE-MS
76
CS-47NXC-RMS
118
CS-47NX0-RMS
160
CCS-47TXE-RM
35
CCS-47NXE-R
77
CS-47NXC-RS
119
CS-47NX0-RS
161
CCS-47TXE-RMS
36
CCS-47NXE-RM
78
CS-47NXC-S
120
CS-47NX0-S
162
CCS-47TXE-RS
37
CCS-47NXE-RMS
79
CS-47NXC-T
121
CS-47NX0-T
163
CCS-47TXE-S
38
CCS-47NXE-RS
80
CS-47NXC-TM
122
CS-47NX0-TM
164
CCS-47TXE-T
39
CCS-47NXE-S
81
CS-47NXC-TMS
123
CS-47NX0-TMS
165
CCS-47TXE-TM
40
CCS-47NXE-T
82
CS-47NXC-TS
124
CS-47NX0-TS
166
CCS-47TXE-TMS
41
CCS-47NXE-TM
83
CS-47NXD
125
CCS-47TXC
167
CCS-47TX0
42
CCS-47NXE-TMS
84
CS-47NXD-M
126
CCS-47TXC-D
168
CCS-47TX0-D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com