Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90255BA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLX90255BA
Description  Linear Optical Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90255BA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLX90255BA Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Datasheet
MLX90255BA
Linear Optical Array
MLX90255BA Linear Optical Array
Page 1
Rev 1.2 08-Aug-01
3901090255
Features and Benefits
128 x 1 Sensor-Element Organization (1 Not Connected, 1 dummy, 128 real, 1 dummy
and 1 Dark Pixel)
385 Dots-Per-Inch (DPI) Sensor Pitch
High Linearity and Uniformity for 256 Gray-Scale (8-Bit) Applications
High Sensitivity: 1.7V @ 10µW/cm² @ 0.7ms integration time
Special Gain Compensation for use with single LED light source
Output Referenced to Ground
Low Image Lag
Single 5V Supply
Replacement for Texas Instruments TSL1301 & TSL1401 and MLX90255AA
Operation to 1MHz
Applications
Position Sensing
Electrical Power Assist Steering (EPAS)
Spectrometer Applications
Ordering Information
Part No.
Temperature Suffix
Package
Option
Temperature Range
MLX90255
K
LA
-BA
-40°C to 125°C Automotive
MLX90255
K
JA
-BA
-40°C to 125°C Automotive
Functional Diagram
3
5
Pixel 2
Pixel 1
Pixel 132
2
1
4
Hold
Q1
Q2
Q132
Switching Logic
132-Bit Shift Register
Integrator Reset
Sample
External
Load
Description
The MLX90255BA linear sensor array consists
of a 128 x 1 array of photodiodes, associated
charge amplifier circuitry and a pixel data-hold
function that provides simultaneous-integration
start and stop times for all pixels. The pixels
measure 200µm (H) by 66 µm (W) and 8 µm
spacing between pixels. Operation is simplified
by internal control logic that requires only a
serial-input (SI) signal and a clock.
The sensor consists of 128 photodiodes
arranged in a linear array. Light energy falling on
a photodiode generates photocurrent, which is
integrated by the active integration circuitry
associated with that pixel. During the integration
period, a sampling capacitor connects to the
output of the integrator through an analog
switch. The amount of charge accumulated at
each pixel is directly proportional to the light
intensity and the integration time. The output
and reset of the integrators is controlled by a
132-bit shift register and reset logic. An output
cycle is initiated by clocking in a logic 1 on SI.
This causes all 132 sampling capacitors to be
disconnected from their respective integrators
and starts an integrator reset period.
(continued on page 4)


Similar Part No. - MLX90255BA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90255BC MELEXIS-MLX90255BC Datasheet
652Kb / 13P
Linear Optical Array
More results

Similar Description - MLX90255BA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5011 OPTEK-OPR5011 Datasheet
76Kb / 2P
Optical Comparator Array
OPR5011 OPTEK-OPR5011_07 Datasheet
148Kb / 3P
Optical Comparator Array
OPR5010 OPTEK-OPR5010 Datasheet
425Kb / 2P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX90255-BA MELEXIS-MLX90255-BA Datasheet
423Kb / 12P
Linear Optical Array
MLX90255-BC MELEXIS-MLX90255-BC Datasheet
394Kb / 12P
Linear Optical Array
MLX90255 MELEXIS-MLX90255 Datasheet
127Kb / 5P
Linear Optical Array
logo
ams AG
TSL3301 AMSCO-TSL3301 Datasheet
670Kb / 21P
102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
logo
Melexis Microelectronic...
MLX90255BC MELEXIS-MLX90255BC Datasheet
652Kb / 13P
Linear Optical Array
logo
TT Electronics.
OPR5011 TTELEC-OPR5011 Datasheet
775Kb / 3P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX75306 MELEXIS-MLX75306 Datasheet
613Kb / 27P
3rd Generation Linear Optical Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com