Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCRT-53SXC-RMS Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCRT-53SXC-RMS
Description  Failsafe SPDT Coaxial Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCRT-53SXC-RMS Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCRT-53SXC-RMS Datasheet HTML 1Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 2Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 3Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 4Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 5Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 6Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 7Page - Teledyne Technologies Incorporated CCRT-53SXC-RMS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCRT-53S/CRT-53S Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCRT-53S\CRT-53S\082013\Q3
Series CCRT-53S/CRT-53S
Internal 50
Ω Termination DC-26.5 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
FAILSAFE CCRT-53S/CRT-53S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCRT-53SXC
43
CCRT-53SX0
85
CRT-53SXD-MS
2
CCRT-53SXC-D
44
CCRT-53SX0-D
86
CRT-53SXD-R
3
CCRT-53SXC-DM
45
CCRT-53SX0-DM
87
CRT-53SXD-RM
4
CCRT-53SXC-DMS
46
CCRT-53SX0-DMS
88
CRT-53SXD-RMS
5
CCRT-53SXC-DR
47
CCRT-53SX0-DR
89
CRT-53SXD-RS
6
CCRT-53SXC-DRM
48
CCRT-53SX0-DRM
90
CRT-53SXD-S
7
CCRT-53SXC-DRMS
49
CCRT-53SX0-DRMS
91
CRT-53SXD-T
8
CCRT-53SXC-DRS
50
CCRT-53SX0-DRS
92
CRT-53SXD-TM
9
CCRT-53SXC-DS
51
CCRT-53SX0-DS
93
CRT-53SXD-TMS
10
CCRT-53SXC-M
52
CCRT-53SX0-M
94
CRT-53SXE
11
CCRT-53SXC-MS
53
CCRT-53SX0-MS
95
CRT-53SXE-M
12
CCRT-53SXC-R
54
CCRT-53SX0-R
96
CRT-53SXE-MS
13
CCRT-53SXC-RM
55
CCRT-53SX0-RM
97
CRT-53SXE-R
14
CCRT-53SXC-RMS
56
CCRT-53SX0-RMS
98
CRT-53SXE-RM
15
CCRT-53SXC-RS
57
CCRT-53SX0-RS
99
CRT-53SXE-RMS
16
CCRT-53SXC-S
58
CCRT-53SX0-S
100
CRT-53SXE-RS
17
CCRT-53SXC-T
59
CCRT-53SX0-T
101
CRT-53SXE-S
18
CCRT-53SXC-TM
60
CCRT-53SX0-TM
102
CRT-53SXE-T
19
CCRT-53SXC-TMS
61
CCRT-53SX0-TMS
103
CRT-53SXE-TM
20
CCRT-53SXC-TS
62
CCRT-53SX0-TS
104
CRT-53SXE-TMS
21
CCRT-53SXD
63
CRT-53SXC
105
CRT-53SX0
22
CCRT-53SXD-M
64
CRT-53SXC-D
106
CRT-53SX0-D
23
CCRT-53SXD-MS
65
CRT-53SXC-DM
107
CRT-53SX0-DM
24
CCRT-53SXD-R
66
CRT-53SXC-DMS
108
CRT-53SX0-DMS
25
CCRT-53SXD-RM
67
CRT-53SXC-DR
109
CRT-53SX0-DR
26
CCRT-53SXD-RMS
68
CRT-53SXC-DRM
110
CRT-53SX0-DRM
27
CCRT-53SXD-RS
69
CRT-53SXC-DRMS
111
CRT-53SX0-DRMS
28
CCRT-53SXD-S
70
CRT-53SXC-DRS
112
CRT-53SX0-DRS
29
CCRT-53SXD-T
71
CRT-53SXC-DS
113
CRT-53SX0-DS
30
CCRT-53SXD-TM
72
CRT-53SXC-M
114
CRT-53SX0-M
31
CCRT-53SXD-TMS
73
CRT-53SXC-MS
115
CRT-53SX0-MS
32
CCRT-53SXE
74
CRT-53SXC-R
116
CRT-53SX0-R
33
CCRT-53SXE-M
75
CRT-53SXC-RM
117
CRT-53SX0-RM
34
CCRT-53SXE-MS
76
CRT-53SXC-RMS
118
CRT-53SX0-RMS
35
CCRT-53SXE-R
77
CRT-53SXC-RS
119
CRT-53SX0-RS
36
CCRT-53SXE-RM
78
CRT-53SXC-S
120
CRT-53SX0-S
37
CCRT-53SXE-RMS
79
CRT-53SXC-T
121
CRT-53SX0-T
38
CCRT-53SXE-RS
80
CRT-53SXC-TM
122
CRT-53SX0-TM
39
CCRT-53SXE-S
81
CRT-53SXC-TMS
123
CRT-53SX0-TMS
40
CCRT-53SXE-T
82
CRT-53SXC-TS
124
CRT-53SX0-TS
41
CCRT-53SXE-TM
83
CRT-53SXD
42
CCRT-53SXE-TMS
84
CRT-53SXD-M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com