Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX5099GIW-R Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX5099GIW-R
Description  T-5mm LED, GREEN/RED BICOLOR MILKY WHITE DIFFUSED LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5099GIW-R Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX5099GIW-R Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX5099GIW-R

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5099GIW-CA LUMEX-SSL-LX5099GIW-CA Datasheet
42Kb / 1P
T-5mm LED, GREEN/RED BICOLOR LENS
SSL-LX5099GIW-TR LUMEX-SSL-LX5099GIW-TR Datasheet
61Kb / 1P
T-5mm 565mm GREEN LED
More results

Similar Description - SSL-LX5099GIW-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX5063HGW ETC1-SSL-LX5063HGW Datasheet
48Kb / 1P
T-5mm (T-1 3/4) 700nm RED/565nm GREEN BICOLOR LED, MILKY WHITE DIFFUSED LENS
logo
LUMEX INC.
SSI-LXH55HGW LUMEX-SSI-LXH55HGW Datasheet
54Kb / 1P
5mm x 5mm RED.GREEN BICOLOR LED PABEL INDICATOR, MILKY WHITE DIFFUSED LENS
SSL-LX100133IGW LUMEX-SSL-LX100133IGW Datasheet
41Kb / 1P
T-3 Led Red,Green Bicolor Milky White Diffused Lens
SSL-LX5093UWW LUMEX-SSL-LX5093UWW Datasheet
421Kb / 1P
T-5mm (T-1) ULTRA WHITE LED, MILkY WHITE DIFFUSED LENS.
SSL-LX5099IGW-02 LUMEX-SSL-LX5099IGW-02 Datasheet
55Kb / 1P
T-5mm LED, RED/GREEN BI-COLOR MILKY WHITE DIFFUSED LENS
SSL-LX5099YGW-R LUMEX-SSL-LX5099YGW-R Datasheet
132Kb / 1P
T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
SSL-LX5099YGW-CA LUMEX-SSL-LX5099YGW-CA Datasheet
89Kb / 1P
T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
SSL-LX5099YGW LUMEX-SSL-LX5099YGW Datasheet
96Kb / 1P
T-5mm LED, YELLOW GREEN BICOLOR, MILKY WHITE DIFFUSED LENS
SSL-LX5099USBSIW LUMEX-SSL-LX5099USBSIW Datasheet
65Kb / 1P
T-5mm 3 LEADED BICOLOR LED, 636mm AllGap RED MILKY WHITE DIFFUSED LENS
SSL-LX5579IGW LUMEX-SSL-LX5579IGW Datasheet
56Kb / 1P
5 X 5mm SQUARE LED, BICOLOR RED/GREEN MILKY WHITE DIFFUSED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com