Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX5099SISUGC-R Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX5099SISUGC-R
Description  T-5mm 3 LEADED BI-COLOR LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5099SISUGC-R Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX5099SISUGC-R Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX5099SISUGC-R

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5099SISUGC LUMEX-SSL-LX5099SISUGC Datasheet
56Kb / 1P
T-5mm 3 LEADED BICOLR LED
More results

Similar Description - SSL-LX5099SISUGC-R

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9450 DIALIGHT-521-9450 Datasheet
19Kb / 1P
5mm Discrete LED Bi-Color 3 Leaded, Non-Tinted, Diffused
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
logo
P-tec Corporation
PL82-WDRG1213 P-TEC-PL82-WDRG1213 Datasheet
35Kb / 1P
3mm 3 Leaded Bi-Color LED
PL82-WDRG1213-LF254 P-TEC-PL82-WDRG1213-LF254 Datasheet
30Kb / 1P
3mm 3 Leaded Bi-Color LED
PL82-WDRG2115-LF254 P-TEC-PL82-WDRG2115-LF254 Datasheet
30Kb / 1P
3mm 3 Leaded Bi-Color LED
PL84-WDGY1301 P-TEC-PL84-WDGY1301 Datasheet
30Kb / 1P
Bi-Color 3 Leaded 5mm (T1쩐) LED
PL84-WDRG1213 P-TEC-PL84-WDRG1213 Datasheet
30Kb / 1P
Bi-Color 3 Leaded 5mm (T1쩐) LED
PL84-WDRG2115 P-TEC-PL84-WDRG2115 Datasheet
30Kb / 1P
Bi-Color 3 Leaded 5mm (T1쩐) LED
logo
LUMEX INC.
SSL-LX5099SISUGW-R LUMEX-SSL-LX5099SISUGW-R Datasheet
123Kb / 1P
T-5mm 3 LEADED BI-COLOR LEd
SSI-LXR4815-30012A LUMEX-SSI-LXR4815-30012A Datasheet
132Kb / 1P
T-5mm LEADED BI-COLOR PANEL INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com