Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-59S630-R Datasheet(PDF) 12 Page - Teledyne Technologies Incorporated

Part # CCR-59S630-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-59S630-R Datasheet(HTML) 12 Page - Teledyne Technologies Incorporated

Back Button CCR-59S630-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-59S630-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CCR-59S/CR-59S Page 12
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-59S\CR-59S\072013\Q3
Series CCR-59S/CR-59S
Multi-Throw DC-26.5 GHz
Latching Coaxial Switch
COAX SWITCHES
LATCHING CCR-59S/CR-59S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
169
CCR-59SX60-T
211
CR-59SX30-RS
253
CR-59SX40-RM
295
CR-59SX50-MS
170
CCR-59SX60-TD
212
CR-59SX30-S
254
CR-59SX40-RMS
296
CR-59SX50-R
171
CCR-59SX60-TDM
213
CR-59SX30-T
255
CR-59SX40-RS
297
CR-59SX50-RM
172
CCR-59SX60-TDMS
214
CR-59SX30-TD
256
CR-59SX40-S
298
CR-59SX50-RMS
173
CCR-59SX60-TDS
215
CR-59SX30-TDM
257
CR-59SX40-T
299
CR-59SX50-RS
174
CCR-59SX60-TM
216
CR-59SX30-TDMS
258
CR-59SX40-TD
300
CR-59SX50-S
175
CCR-59SX60-TMS
217
CR-59SX30-TDS
259
CR-59SX40-TDM
301
CR-59SX50-T
176
CCR-59SX60-TS
218
CR-59SX30-TM
260
CR-59SX40-TDMS
302
CR-59SX50-TD
177
CR-59SX3C
219
CR-59SX30-TMS
261
CR-59SX40-TDS
303
CR-59SX50-TDM
178
CR-59SX3C-D
220
CR-59SX30-TS
262
CR-59SX40-TM
304
CR-59SX50-TDMS
179
CR-59SX3C-DM
221
CR-59SX4C
263
CR-59SX40-TMS
305
CR-59SX50-TDS
180
CR-59SX3C-DR
222
CR-59SX4C-D
264
CR-59SX40-TS
306
CR-59SX50-TM
181
CR-59SX3C-DRM
223
CR-59SX4C-DM
265
CR-59SX5C
307
CR-59SX50-TMS
182
CR-59SX3C-DRS
224
CR-59SX4C-DR
266
CR-59SX5C-D
308
CR-59SX50-TS
183
CR-59SX3C-DS
225
CR-59SX4C-DRM
267
CR-59SX5C-DM
309
CR-59SX6C
184
CR-59SX3C-M
226
CR-59SX4C-DRS
268
CR-59SX5C-DR
310
CR-59SX6C-D
185
CR-59SX3C-MS
227
CR-59SX4C-DS
269
CR-59SX5C-DRM
311
CR-59SX6C-DM
186
CR-59SX3C-R
228
CR-59SX4C-M
270
CR-59SX5C-DRS
312
CR-59SX6C-DR
187
CR-59SX3C-RM
229
CR-59SX4C-MS
271
CR-59SX5C-DS
313
CR-59SX6C-DRM
188
CR-59SX3C-RMS
230
CR-59SX4C-R
272
CR-59SX5C-M
314
CR-59SX6C-DRS
189
CR-59SX3C-RS
231
CR-59SX4C-RM
273
CR-59SX5C-MS
315
CR-59SX6C-DS
190
CR-59SX3C-S
232
CR-59SX4C-RMS
274
CR-59SX5C-R
316
CR-59SX6C-M
191
CR-59SX3C-T
233
CR-59SX4C-RS
275
CR-59SX5C-RM
317
CR-59SX6C-MS
192
CR-59SX3C-TD
234
CR-59SX4C-S
276
CR-59SX5C-RMS
318
CR-59SX6C-R
193
CR-59SX3C-TDM
235
CR-59SX4C-T
277
CR-59SX5C-RS
319
CR-59SX6C-RM
194
CR-59SX3C-TDMS
236
CR-59SX4C-TD
278
CR-59SX5C-S
320
CR-59SX6C-RMS
195
CR-59SX3C-TDS
237
CR-59SX4C-TDM
279
CR-59SX5C-T
321
CR-59SX6C-RS
196
CR-59SX3C-TM
238
CR-59SX4C-TDMS
280
CR-59SX5C-TD
322
CR-59SX6C-S
197
CR-59SX3C-TMS
259
CR-59SX4C-TDS
281
CR-59SX5C-TDM
323
CR-59SX6C-T
198
CR-59SX3C-TS
240
CR-59SX4C-TM
282
CR-59SX5C-TDMS
324
CR-59SX6C-TD
199
CR-59SX30
241
CR-59SX4C-TMS
283
CR-59SX5C-TDS
325
CR-59SX6C-TDM
200
CR-59SX30-D
242
CR-59SX4C-TS
284
CR-59SX5C-TM
326
CR-59SX6C-TDMS
201
CR-59SX30-DM
243
CR-59SX40
285
CR-59SX5C-TMS
327
CR-59SX6C-TDS
202
CR-59SX30-DR
244
CR-59SX40-D
286
CR-59SX5C-TS
328
CR-59SX6C-TM
203
CR-59SX30-DRM
245
CR-59SX40-DM
287
CR-59SX50
329
CR-59SX6C-TMS
204
CR-59SX30-DRS
246
CR-59SX40-DR
288
CR-59SX50-D
330
CR-59SX6C-TS
205
CR-59SX30-DS
247
CR-59SX40-DRM
289
CR-59SX50-DM
331
CR-59SX60
206
CR-59SX30-M
248
CR-59SX40-DRS
290
CR-59SX50-DR
332
CR-59SX60-D
207
CR-59SX30-MS
249
CR-59SX40-DS
291
CR-59SX50-DRM
333
CR-59SX60-DM
208
CR-59SX30-R
250
CR-59SX40-M
292
CR-59SX50-DRS
334
CR-59SX60-DR
209
CR-59SX30-RM
251
CR-59SX40-MS
293
CR-59SX50-DS
335
CR-59SX60-DRM
210
CR-59SX30-RMS
252
CR-59SX40-R
294
CR-59SX50-M
336
CR-59SX60-DRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com