Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-59S830-R Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # CCR-59S830-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-59S830-R Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button CCR-59S830-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CCR-59S/CR-59S Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-59S\CR-59S\072013\Q3
Series CCR-59S/CR-59S
Multi-Throw DC-26.5 GHz
Latching Coaxial Switch
COAX SWITCHES
Actuator
An actuator is the electromechanical mechanism that transfers the
RF contacts from one position to another upon DC command.
Arc Suppression Diode
A diode is connected in parallel with the coil. This diode limits the
“reverse EMF spike” generated when the coil de-energizes to 0.7
volts. The diode cathode is connected to the positive side of the
coil and the anode is connected to the negative side.
Date Code
All switches are marked with either a unique serial number or a
date code. Date codes are in accordance with MIL-STD-1285
Paragraph 5.2.5 and consist of four digits. The first two digits
define the year and the last two digits define the week of the year
(YYWW). Thus, 1032 identifies switches that passed through final
inspection during the 32nd week of 2010.
Indicator
Indicators tell the system which position the switch is in. Other
names for indicators are telemetry contacts or tellback circuit.
Indicators are usually a set of internally mounted DC contacts linked
to the actuator. They can be wired to digital input lines, status lights,
or interlocks. Unless otherwise specified, the maximum indicator
contact rating is 30 Vdc, 50 mA, or 1.5 Watts into a resistive load.
Isolation
Isolation is the measure of the power level at the output connector
of an unconnected RF channel as referenced to the power at the
input connector. It is specified in dB below the input power level.
Multi-Throw Latching Switch
A multi-throw switch is a switch with one input and three or more
output ports. The CCR-59 can switch a microwave signal to any of
2,3,4,5 or 6 output from a single common input.
Switching Time
Switching time is the total interval beginning with the arrival of the
leading edge of the command pulse at the switch DC input and
ending with the completion of the switch transfer, including contact
bounce. It consists of three parts: (1) inductive delay in the coil, (2)
transfer time of the physical movement of the contacts, and (3) the
bounce time of the RF contacts.
TTL Switch Driver Option
As a special option, switch drivers can be provided for both failsafe
and latching switches, which are compatible with industry-standard
low-power Schottky TTL circuits.
TD-Option
This option includes a decoder. The 3-bit parallel command is
decoded to internally select the appropriate position. See the logic
tables. The TD-Option increases the Vsw supply current demand
by 50mA max at 28Vdc and +20°C.
Performance Parameters vs Frequency
Generally speaking, the RF performance of coaxial switches is
frequency dependent. With increasing frequency, VSWR and
insertion loss increase while isolation decreases. All data sheets
specify these three parameters as “worst case” at the highest
operating frequency. If the switch is to be used over a narrow
frequency band, better performance can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil varies as a function of
temperature. There is an inverse relationship between the
operating temperature of the switch and the actuator drive current.
For switches operating at 28 VDC, the approximate actuator drive
current at temperature, T, can be calculated using the equation:
Magnetic Sensitivity
An electro-mechanical switch can be sensitive to ferrous materials
and external magnetic fields. Neighboring ferrous materials should
be permitted no closer than 0.5 inches and adjacent external
magnetic fields should be limited to a flux density of less than 5
Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T
= Actuator current at temperature, T
I
A
= Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T
=
Carrier
Frequency 1
Carrier
Frequency 2
PIM 3rd Order
Frequency
PIM 5th Order
Frequency
870 MHz
893 MHz
847 MHz
824 MHz
3rd Order
Intermodulation
5th Order
Intermodulation
Multiple
Positions
–96 dBm
–115 dBm
–139 dBc
–158 dBc
SPECIAL FEATURE
Switching High-Power or Highly Sensitive Signals
Ensure the most linear response with the best galvanically
matched contact system in the industry. Extremely low
passive intermodulation is standard on all of our switches.
SET
PULSE
RESET
PULSE
T2
T3
T1
V
I
2
I
1
5
T
4
T
OFF
ON
O
VOLTAGE PULSE
(SEE NOTE 5)
T1 AND T2 = 30 mSEC
MIN. T3 = 10 mSEC MIN.
CURRENT PULSE
(SEE NOTE 6)
SWITCHING TIME
(MONITOR RF
CONTACT): T4
AND T5 = 20
mSEC MAX
DUAL PULSE SWITCHING COMMAND CHARACTERISTICS:
1. APPLIES FOR SINGLE-POLE MULTI-THROW LATCHING
SWITCH ONLY.
2. MUST APPLY RESET PULSE FIRST
(BREAK-BEFORE-MAKE).
3. RESET AND SET DEFINITIONS
RESET: OPEN ALL RF PATHS (POSITIONS).
SET: CLOSE THE SELECTED RF PATH (POSITION).
4. COMMAND PULSE TIMING:
5. COMMAND SWITCHING VOLTAGE:
V = 26-32 VDC PULSE
6. SWITCHING CURRENT:
NO. OF POS.
RESET (I
1
)
SET (1
2
)
3 POS.
270 mA
90 mA
4 POS.
360 mA
90 mA
5 POS.
450 mA
90 mA
6 POS.
540 mA
90 mA
SWITCHING CURRENT
AT 28 VDC AND 20°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com