Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-59S930-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-59S930-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-59S930-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-59S930-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-59S930-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-59S/CR-59S Page 1
CCR-59S\CR-59S\07013\Q3
Series CCR-59S/CR-59S
Multi-Throw DC-26.5 GHz
Latching Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
CCR-59S
CR-59S
DC–26.5 GHz
DC–26.5 GHz
Characteristic Impedance
50 Ohms
Operate Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current
255 205 130 90 mA
Reset Current (# of Positions)
3
765 615 590 270 mA
4
1020 820 520 360 mA
5
1275 1025 650 450 mA
6
1530 1230 780 540 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-59S
Elite Model, CR-59S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PART NUMBER
DESCRIPTION
CCR-59S
Commercial Latching Multi-throw, DC-26.5GHz
CR-59S
Elite Latching Multi-throw, DC-26.5GHz
The CCR-59S/CR-59S is a broadband, multi-throw, electromechanical coaxial switch designed to switch
a microwave signal from a common input to any of 3, 4, 5, or 6 outputs. The characteristic impedance
is 50 Ohms. The switches are small using the popular connector spacing on a 1.062” dia. circle. Each
position has an individual actuator mechanism allowing random position selection. This also minimizes
switching time.
The CCR-59S/CR-59S comes with a latching actuator. The latching switch remains in the last position
selected when the switch is de-energized. STD dual command requires a reset pulse before a new selected
position. A separate reset circuit allows all positions to be set to an open position. User must provide both
reset (clear) and set (select new position) commands.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCR-59
S
6
6
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* D-Sub Connector may be 9 or 15 pin depending on
number of throws. (See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
6: 28 VDC LATCHING
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
7: 15 VDC LATCHING
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
8: 12 VDC LATCHING
5: SP5TR
: POSITIVE + COMMON
9: 24 VDC LATCHING
6: SP6TTD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PARTS LIST ON PAGE 11-13
M
: MOISTURE SEAL
S
: D-SUB CONNECTOR*
PERFORMANCE CHARACTERISTICS
Frequency
DC–4 GHz
4–8 GHz
8–12 GHz
12–16 GHz
16-20 GHz
20-24 GHz
24-26.5 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.2
0.3
0.3
0.4
0.8
Isolation, dB, min.
80
80
80
80
75
70
70
VSWR , max.
1.05:1
1.1:1
1.2:1
1.2:1
1.2:1
1.2:1
1.7:1


Similar Part No. - CCR-59S930-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CCR-53S60-D TELEDYNE-CCR-53S60-D Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CCR-53S60-M TELEDYNE-CCR-53S60-M Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CCR-53S60-N TELEDYNE-CCR-53S60-N Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
CCR-53S60-R TELEDYNE-CCR-53S60-R Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
More results

Similar Description - CCR-59S930-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
Latching SPDT Coaxial Switch
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
Latching TRANSFER Coaxial Switch
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
Latching Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
Latching Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
Latching SPDT Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com