Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830PEP-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND830PEP-E
Description  Double channel high side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830PEP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND830PEP-E Datasheet HTML 5Page - STMicroelectronics VND830PEP-E Datasheet HTML 6Page - STMicroelectronics VND830PEP-E Datasheet HTML 7Page - STMicroelectronics VND830PEP-E Datasheet HTML 8Page - STMicroelectronics VND830PEP-E Datasheet HTML 9Page - STMicroelectronics VND830PEP-E Datasheet HTML 10Page - STMicroelectronics VND830PEP-E Datasheet HTML 11Page - STMicroelectronics VND830PEP-E Datasheet HTML 12Page - STMicroelectronics VND830PEP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VND830PEP-E
Electrical specifications
Doc ID 10826 Rev 6
9/25
Figure 4.
Open-load status timing (with external pull-up)
Thyst
Thermal hysteresis
7
15
°C
tSDL
Status delay in overload
conditions
Tj > TTSD
20
µs
Ilim
Current limitation
5.5V < VCC < 36V
69
15
15
A
A
Vdemag
Turn-off output clamp voltage IOUT = 2A; L = 6mH
VCC -
41
VCC -
48
VCC -
55
V
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Table 11.
Open-load detection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOL
Open-load on-state
detection threshold
VIN = 5V
50
100
200
mA
tDOL(on)
Open-load on-state
detection delay
IOUT = 0A
200
µs
VOL
Open-load off-state
voltage detection
threshold
VIN = 0V
1.5
2.5
3.5
V
tDOL(off)
Open-load detection
delay at turn-off
1000
µs
Table 10.
Protections(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com