Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7012AY Datasheet(PDF) 39 Page - STMicroelectronics

Part # VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VND7012AY Datasheet HTML 35Page - STMicroelectronics VND7012AY Datasheet HTML 36Page - STMicroelectronics VND7012AY Datasheet HTML 37Page - STMicroelectronics VND7012AY Datasheet HTML 38Page - STMicroelectronics VND7012AY Datasheet HTML 39Page - STMicroelectronics VND7012AY Datasheet HTML 40Page - STMicroelectronics VND7012AY Datasheet HTML 41Page - STMicroelectronics VND7012AY Datasheet HTML 42Page - STMicroelectronics VND7012AY Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
VND7012AY
Package information
DocID027407 Rev 4
39/45
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A2
2.15
2.35
b
0.18
0.32
b1
0.13
0.25
0.30
c
0.23
0.32
c1
0.20
0.20
0.30
D
10.30 BSC
D1
6.90
7.50
D2
3.65
D3
4.30
e
0.50 BSC
E
10.30 BSC
E1
7.50 BSC
E2
4.30
5.20
E3
2.30
E4
2.90
G1
1.20
G2
1.00
G3
0.80
h
0.30
0.40
L
0.55
0.70
0.85
L1
1.40 REF
L2
0.25 BSC
N
36
R
0.30
R1
0.20
S
0.25
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.10
ddd
0.20
eee
0.10
fff
0.20
ggg
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com