Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN101C35D Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C35D
Description  The lower limit for operation guarantee for EPROM built-in type is 2.7 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C35D Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C35D Datasheet HTML 1Page - Panasonic Semiconductor MN101C35D Datasheet HTML 2Page - Panasonic Semiconductor MN101C35D Datasheet HTML 3Page - Panasonic Semiconductor MN101C35D Datasheet HTML 4Page - Panasonic Semiconductor MN101C35D Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MN101C35D
I/O Pins
36
• Common use : 28 • Specified pull-up resistor available • Input/output selectable (bit unit)
I/O
53
• Output: 29 • I/O: 24 • P-ch open drain (breakdown voltage
−30V): FL drive: 53
• Specified pull-down resistor mask option: 35
High Voltage
A/D Inputs
8-bit
× 8-ch. (with S/H)
FL
(35 to 43) segments
× (18 to 10) digits
Special Ports
Buzzer output, remote control carrier signal output
Electrical Characteristics
Supply current
Limit
Symbol
Condition
min
typ
max
Unit
Parameter
IDD1
fosc = 8 MHz, VDD = 5 V
25
mA
IDD2
fx = 32 kHz, VDD = 3 V
120
µA
IDD3
fx = 32 kHz, VDD = 3 V
10
µA
IDD4
VDD = 3 V
10
µA
Operating supply current
Supply current at HALT
Supply current at STOP
Pin Assignment
MN101C35D
QFP100-P-1818B *Lead-free
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
P64(
→DGT14)
P65(
→DGT15)
P66(
→DGT16)
P67(
→DGT17)
P54
P53
P52
P51
P50
P32(SBT2
↔)
P31(SBI2
←)
P30(SBO2
→)
P25
P24(
←IRQ4)
P23(
←IRQ3)
P22(
←IRQ2)
P21(
←SENS,IRQ1)
P20(
←IRQ0)
P15
P14(TM4IO
↔)
P13(TM3IO
↔)
P12(TM2IO
↔)
P11(TM1IO
↔)
P10(RMOUT
→,TM0IO↔)
P27(NRST
↔)
P94(
←SEG19)
P93(
←SEG20)
P92(
←SEG21)
P91(
←SEG22)
P90(
←SEG23)
PC2(
←SEG24)
PC1(
←SEG25)
PC0(
←SEG26)
PB7(
←SEG27)
PB6(
←SEG28)
PB5(
←SEG29)
PB4(
←SEG30)
PB3(
←SEG31)
PB2(
←SEG32)
PB1(
←SEG33)
PB0(
←SEG34)
PD7(
←SEG35)
PD6(
←SEG36)
PD5(
←SEG37)
PD4(
←SEG38)
PD3(
←SEG39)
PD2(
←SEG40)
PD1(
←SEG41)
PD0(
←SEG42)
VPP
See the next page for support tool.
MAD00024DEM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com