Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ500 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ500
Description  Quad channel high-side driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ500 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ500 Datasheet HTML 9Page - STMicroelectronics VNQ500 Datasheet HTML 10Page - STMicroelectronics VNQ500 Datasheet HTML 11Page - STMicroelectronics VNQ500 Datasheet HTML 12Page - STMicroelectronics VNQ500 Datasheet HTML 13Page - STMicroelectronics VNQ500 Datasheet HTML 14Page - STMicroelectronics VNQ500 Datasheet HTML 15Page - STMicroelectronics VNQ500 Datasheet HTML 16Page - STMicroelectronics VNQ500 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VNQ500
Electrical specifications
Doc ID 9934 Rev 4
13/24
Figure 13.
ILIM vs Tcase
Figure 14.
On-state resistance vs VCC
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ilim (A)
Vcc=13V
5
1015
2025
3035
40
Vcc (V)
0
100
200
300
400
500
600
700
800
900
1000
Ron (mOhm)
Iout=0.25A
Tc= -40°C
Tc= 25°C
Tc= 150°C
Figure 15.
Input high level
Figure 16.
Input hysteresis voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Vhyst (V)
Figure 17.
On-state resistance vs Tcase
Figure 18.
Input low level
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
Ron (mOhm)
Iout=0.25A
Vcc=8V, 13V & 36V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Vil (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com