Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7482BSTZ
Description  3 MSPS, 12-Bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7482BSTZ Datasheet HTML 9Page - Analog Devices AD7482BSTZ Datasheet HTML 10Page - Analog Devices AD7482BSTZ Datasheet HTML 11Page - Analog Devices AD7482BSTZ Datasheet HTML 12Page - Analog Devices AD7482BSTZ Datasheet HTML 13Page - Analog Devices AD7482BSTZ Datasheet HTML 14Page - Analog Devices AD7482BSTZ Datasheet HTML 15Page - Analog Devices AD7482BSTZ Datasheet HTML 16Page - Analog Devices AD7482BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD7482
Rev. B | Page 12 of 20
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7482 is a 12-bit algorithmic successive approximation
ADC based around a capacitive DAC. It provides the user with
track-and-hold, reference, an ADC, and versatile interface logic
functions on a single chip. The normal analog input signal range
that the AD7482 can convert is 0 V to 2.5 V. By using the offset
and overrange features on the ADC, the AD7482 can convert
analog input signals from −200 mV to +2.7 V while operating
from a single 5 V supply. The part requires a 2.5 V reference,
which can be provided from the internal reference or an external
reference source. Figure 11 shows a simplified schematic of the
ADC. The control logic, SAR, and capacitive DAC are used to
add and subtract fixed amounts of charge from the sampling
capacitor to bring the comparator back to a balanced condition.
CAPACITIVE
DAC
SWITCHES
VIN
VREF
SAR
CONTROL
LOGIC
CONTROL
INPUTS
OUTPUT DATA
12-BIT PARALLEL
COMPARATOR
Figure 11. Simplified Block Diagram of the AD7482
Conversion is initiated on the AD7482 by pulsing the CONVST
input. On the falling edge of
Figure 12
CONVST, the track-and-hold goes
from track mode to hold mode and the conversion sequence is
started. Conversion time for the part is 300 ns.
shows
the ADC during conversion. When conversion starts, SW2
opens and SW1 moves to Position B, causing the comparator to
become unbalanced. The ADC then runs through its successive-
approximation routine and brings the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion result is available in the SAR register.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 12. ADC Conversion Phase
At the end of conversion, the track-and-hold returns to track
mode and the acquisition time begins. The track-and-hold
acquisition time is 40 ns. Figure 13 shows the ADC during its
acquisition phase. SW2 is closed and SW1 is in Position A. The
comparator is held in a balanced condition and the sampling
capacitor acquires the signal on VIN.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 13. ADC Acquisition Phase
ANALOG INPUT
1
2
3
4
5
6
7
8
AD829
1k
Ω
1k
Ω
100
Ω
BIAS
VOLTAGE
AC
SIGNAL
150
Ω
220pF
–VS
+VS
–
+
VIN
Figure 14. Analog Input Circuit Used for 10 kHz Input Tone
220
Ω
BIAS
VOLTAGE
1
2
3
4
5
6
7
8
AD8021
50
Ω
AC
SIGNAL
220
Ω
10pF
–VS
+VS
–
+
VIN
10pF
Figure 15. Analog Input Circuit Used for 1 MHz Input Tone
Figure 14 shows the analog input circuit used to obtain the data
for the fast fourier transfer (FFT) plot shown in Figure 3. The
circuit uses an AD829 op amp as the input buffer. A bipolar analog
signal is applied and biased up with a stable, low noise dc voltage
connected to the labeled terminal, as shown in Figure 11. A 220 pF
compensation capacitor is connected between Pin 5 and the AD829
and the analog ground plane. The AD829 is supplied with +12 V
and −12 V supplies. The supply pins are decoupled as close to
the device as possible with both a 0.1 µF and a 10 µF capacitor
connected to each pin. In each case, 0.1 µF capacitor should be the
closer of the two caps to the device. More information on the
AD829 is available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com