Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7664 Datasheet HTML 15Page - Analog Devices AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices AD7664 Datasheet HTML 18Page - Analog Devices AD7664 Datasheet HTML 19Page - Analog Devices AD7664 Datasheet HTML 20Page - Analog Devices AD7664 Datasheet HTML 21Page - Analog Devices AD7664 Datasheet HTML 22Page - Analog Devices AD7664 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
REV.
F
–18–
AD7664
External Clock Data Read during Conversion
Figure 20 shows the detailed timing diagram of this method.
During a conversion, while both
CS and RD are LOW, the result
of the previous conversion can be read. The data is shifted out
MSB first with 16 clock pulses, and is valid on both the rising and
falling edge of the clock. The 16 bits have to be read before the
current conversion is complete; otherwise, RDERROR is pulsed
HIGH and can be used to interrupt the host interface to
prevent incomplete data reading. There is no daisy-chain
feature in this mode and RDC/SDIN input should always be tied
either HIGH or LOW.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of at least 18 MHz when in Impulse Mode,
25 MHz when in Normal Mode, or 40 MHz when in Warp
Mode is recommended to ensure that all the bits are read during
the first half of the conversion phase. It is also possible to begin
to read the data after conversion and continue to read the last bits
even after a new conversion has been initiated. That allows the use of
a slower clock speed such as 14 MHz in Impulse Mode, 18 MHz
in Normal Mode, and 25 MHz in Warp Mode.
MICROPROCESSOR INTERFACING
The AD7664 is ideally suited for traditional dc measurement
applications supporting a microprocessor and ac signal processing
applications interfacing to a digital signal processor. The AD7664
is designed to interface either with a parallel 8-bit or 16-bit wide
interface, or with a general-purpose serial port or I/O ports on
a microcontroller. A variety of external buffers can be used
with the AD7664 to prevent digital noise from coupling into the
ADC. The following section discusses the use of an AD7664
with an ADSP-219x SPI equipped DSP.
SPI Interface (ADSP-219x)
Figure 21 shows an interface diagram between the AD7664 and
an SPI-equipped ADSP-219x. To accommodate the slower speed
of the DSP, the AD7664 acts as a slave device and data must be
read after conversion. This mode also allows the daisy-chain
feature. The convert command can be initiated in response to
an internal timer interrupt. The reading process can be initi-
ated in response to the end-of-conversion signal (BUSY going
LOW) using an interrupt line of the DSP. The serial interface
(SPI) on the ADSP-219x is configured for master mode—
(MSTR) = 1, Clock Polarity bit (CPOL) = 0, Clock Phase bit
(CPHA) = 1, and SPI Interrupt Enable (TIMOD) = 00— by
writing to the SPI control register (SPICLTx). To meet all
timing requirements, the SPI clock should be limited to 17
Mbps, which allows it to read an ADC result in less than 1
µs.
When a higher sampling rate is desired, use of one of the
parallel interface modes is recommended.
SPIxSEL (PFx)
ADSP-219x*
CNVST
AD7664*
CS
BUSY
MISOx
SCKx
PFx or TFSx
SDOUT
SCLK
RD
INVSCLK
EXT/
INT
SER/
PAR
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
PFx
Figure 21. Interfacing the AD7664 to an SPI Interface
SDOUT
CS
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
t3
t35
t36 t37
t31
t32
t16
CNVST
BUSY
EXT/
INT = 1
INVSCLK = 0
RD = 0
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com