Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7664ASTZ
Description  16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7664ASTZ Datasheet HTML 6Page - Analog Devices AD7664ASTZ Datasheet HTML 7Page - Analog Devices AD7664ASTZ Datasheet HTML 8Page - Analog Devices AD7664ASTZ Datasheet HTML 9Page - Analog Devices AD7664ASTZ Datasheet HTML 10Page - Analog Devices AD7664ASTZ Datasheet HTML 11Page - Analog Devices AD7664ASTZ Datasheet HTML 12Page - Analog Devices AD7664ASTZ Datasheet HTML 13Page - Analog Devices AD7664ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
REV.
F
AD7664
–9–
FREQUENCY (kHz)
057
114
171
285
228
0
–20
–180
–40
–60
–80
–100
–120
–140
–160
8192 POINT FFT
fS = 570kHz
fIN = 45.5322kHz, –0.5dB
SNR = 90.1dB
SINAD = 89.4dB
THD = –97.1dB
SFDR = 97.5dB
TPC 7. FFT Plot
1
FREQUENCY – kHz
100
10
90
80
75
70
100
85
1000
95
15.0
14.0
13.5
13.0
16.0
14.5
15.5
SNR
S/(N+D)
ENOB
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
1
FREQUENCY – kHz
100
10
–70
–80
–85
–90
–95
–100
–105
–110
–60
–75
1000
–65
SFDR
THD
100
90
85
80
75
70
65
60
110
95
105
SECOND HARMONIC
THIRD HARMONIC
TPC 9. THD, Harmonics, and SFDR vs. Frequency
92
–60
INPUT LEVEL – dB
0
–20
–40
90
88
86
SNR
S/(N+D)
–50
–30
–10
TPC 10. SNR and S/(N+D) vs. Input Level
(Referred to Full Scale)
96
–55
TEMPERATURE – C
–35
125
105
85
65
45
25
5
–15
93
90
87
84
–96
–98
–100
–102
–104
THD
SNR
TPC 11. SNR, S/(N+D), THD vs. Temperature
OVDD, ALL MODES
DVDD, IMPULSE
AVDD, IMPULSE
DVDD, WARP/NORMAL
AVDD, WARP/NORMAL
100k
0.1
SAMPLING RATE – SPS
100k
1k
10
1
100
10k
1M
10k
1k
100
10
1
0.1
0.01
0.001
TPC 12. Operating Currents vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com