Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS50N06H Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS50N06H
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS50N06H Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS50N06H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N06H Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
R
JCS50N06H
版本:201510D
6/11
25
50
75
100
125
150
0
20
40
60
T
C Case Temperature [
℃]
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
1 E -5
1E -4
1 E -3
0.0 1
0 .1
1
10
0.01
0 .1
1
t2
t1
D =0 .5
0 .2
0 .1
0 .0 5
0 .0 2
t
1 S q u a re W a v e P u ls e D u r a t io n [ s e c ]
s in g le pu ls e
0 .01
N o tes :
1 Z θ JC(t)=1.20℃ /W M ax
2 D u ty Fa ctor, D =t1/t2
3 T JM -Tc= PDM * Zθ JC(t)
P
D M
1E-5
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
t2
t1
D=0.5
0.2
0.1
0.05
0.02
t
1 Square W ave Pulse Duration [s ec]
single pulse
0.01
Notes:
1 Zθ JC(t)=1.43℃/W Max
2 Duty Factor, D=t1/t2
3 TJM-Tc=PDM* Zθ JC(t)
P
DM
1E-5
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
t2
t1
D=0.5
0.2
0.1
0.05
0.02
t
1 Sq ua re W av e Pu lse D ur ation [s ec ]
single pulse
0.01
Notes:
1 Zθ JC(t)=2.22℃/W Max
2 Duty Factor, D =t1/t2
3 TJM-Tc=PDM* Zθ JC(t)
P
DM
Maximum Safe Operating Area
JCS50N06CH/RH/VH
Maximum Drain Current
vs. Case Temperature
Transient Thermal Response Curve
JCS50N06CH
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100ms
Operation in This Area
is Limited by R
DS(ON)
Note:
1 T
C=25
℃
2 T
J=150
℃
3 Single Pulse
1ms
100μs
10ms
DC
V
DS
Drain-Source Voltage [V]
Maximum Safe Operating Area
JCS50N06FH
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100ms
Operation in This Area
is Limited by R
DS(ON)
Note:
1 T
C=25
℃
2 T
J=150
℃
3 Single Pulse
1ms
100μs
10ms
DC
V
DS
Drain-Source Voltage [V]
Transient Thermal Response Curve
JCS50N06FH
Transient Thermal Response Curve
JCS50N06VH/RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com