Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS50N20T Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS50N20T
Description  High frequency switch mode power supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS50N20T Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS50N20T Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS50N20T Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
JCS50N20T
版本:201510D
1/9
JCS50N20T
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen
Free
包
装
Packaging
器件重量
Device
Weight
JCS50N20WT-O-W-N-B
JCS50N20WT
TO-247
否
NO
条管 Tube
6.1g (typ)
JCS50N20ABT-O-AB-N-B
JCS50N20ABT
TO-3PB
否
NO
条管 Tube
5.14g (typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
50A
VDSS
200 V
Rdson-max
(@Vgs=10V)
50mΩ
Qg-typ
90nC
用途
 高频开关电源
 电子镇流器
 UPS 电源
APPLICATIONS
High frequency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
UPS
产品特性
低栅极电荷
低 Crss
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JCS50N20T

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
JCS50N06CH THINKISEMI-JCS50N06CH Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
JILIN SINO-MICROELECTRO...
JCS50N06CH-O-C-N-B JSMC-JCS50N06CH-O-C-N-B Datasheet
1Mb / 11P
N-CHANNEL MOSFET
logo
SHENZHEN DOINGTER SEMIC...
JCS50N06CH-O-C-N-B DOINGTER-JCS50N06CH-O-C-N-B Datasheet
1Mb / 3P
N-Channel MOSFET uses advanced trench technology
logo
JILIN SINO-MICROELECTRO...
JCS50N06FH-O-F-N-B JSMC-JCS50N06FH-O-F-N-B Datasheet
1Mb / 11P
N-CHANNEL MOSFET
logo
SHENZHEN DOINGTER SEMIC...
JCS50N06FH-O-F-N-B DOINGTER-JCS50N06FH-O-F-N-B Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - JCS50N20T

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU6Z5R RUICHIPS-RU6Z5R Datasheet
465Kb / 9P
High efficiency switch mode power supplies
logo
JILIN SINO-MICROELECTRO...
JCS1HN60C JSMC-JCS1HN60C Datasheet
422Kb / 9P
High efficiency switch mode power supplies
JCS3N65VC JSMC-JCS3N65VC Datasheet
379Kb / 8P
High efficiency switch mode power supplies
JCS4N65B JSMC-JCS4N65B Datasheet
1Mb / 16P
High efficiency switch mode power supplies
JCS9N90WT JSMC-JCS9N90WT Datasheet
910Kb / 8P
High efficiency switch mode power supplies
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
High efficiency switch mode power supplies
JCS15N65H JSMC-JCS15N65H Datasheet
1Mb / 9P
High efficiency switch mode power supplies
JCS20N60CAH JSMC-JCS20N60CAH Datasheet
845Kb / 8P
High efficiency switch mode power supplies
JCS20N60WH JSMC-JCS20N60WH Datasheet
889Kb / 8P
High efficiency switch mode power supplies
logo
Shenzhen Huazhimei Semi...
HM1N60 HMSEMI-HM1N60 Datasheet
732Kb / 12P
High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com