Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74LS05 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74LS05
Description  Hex Inverters with Open-Drain Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS05 Datasheet(HTML) 3 Page - Integral Corp.

  IN74LS05 Datasheet HTML 1Page - Integral Corp. IN74LS05 Datasheet HTML 2Page - Integral Corp. IN74LS05 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IN74LS05
3
AC ELECTRICAL CHARACTERISTICS (V
CC = 5.0 V, CL = 15 pF, TA=25°C, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay Time
32
ns
tPHL
Propagation Delay Time
28
ns
Figure 1. Switching Waveforms
NOTE A. CL includes probe and jig capacitance.
Figure 2. Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com