Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SS12
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SS12 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SS12 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SS12 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* High reliability
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Mounting position: Any
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
UNIT
Marking Code
SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
IO
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance
(Note 1)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS110 SS115 SS120
UNIT
Maximum Forward Voltage at 1.0A DC
@TA=25℃
VF
0.
90
0.9
2
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
mAmps
30.0
Typical Thermal Resistance
70
30
70
60
0.50
Amps
IFSM
1.0
0.70
0.85
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
50
-55 to +125
-55 to +150
IR
110
0.5
0.2
10.0
5.0
Note : 1.Measured at 1 MHz and applied reverse voltage of 4.0 volts.
.181(4.60)
.160(4.06)
.110(2.79)
.086(2.18)
.067(1.70)
.049(1.23)
.208(5.28)
.188(4.80)
.091(2.31)
.067(1.70)
.012(.305)
.006(.150)
.060(1.51)
.030(0.75)
.008
(.203)
Max.
SMA(DO-214AC)
1.0A SURFACE MOUNT SCHOTTKY
SMA PACKAGE
BARRIER RECTIFIERS -20V- 200V
*
1
SS12 THRU SS120
www.paceleader.tw
Moisture Sensitivity Level 1


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS12 TRSYS-SS12 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS12 JGD-SS12 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Microdiode Semiconducto...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com