Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR520 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR520
Description  5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR520 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR520 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR520 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
3
4
5
SR520~SR560
0
1
0
25
50
75
100
125
150
SR5100.~SR5200
AMBIENT TEMPERATURE(℃)
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.2
0.4
0.8
1.0
1.4 1.6
0.1
1.0
10
50
1.2
0.6
1.8
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
0.01
0.08
0.06
0.04
0.02
0.1
0.2
0.4
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
125
150
25
0
50
100
75
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR580~SR5200
SR550~SR560
TJ = 25 OC
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.01
0.001
0.1
1.0
10
20
40
60
80
100
120
140
TA = 125 OC
TA = 25 OC
TA = 75 OC
SR520~SR540
SR550~SR560
SR580~SR5200
SR520~SR560
SR580~SR5100
SR520~SR540
SR5150~SR5200
5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
SR520 THRU SR5200
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com