Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3010 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3010
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology LT3010 Datasheet HTML 10Page - Linear Technology LT3010 Datasheet HTML 11Page - Linear Technology LT3010 Datasheet HTML 12Page - Linear Technology LT3010 Datasheet HTML 13Page - Linear Technology LT3010 Datasheet HTML 14Page - Linear Technology LT3010 Datasheet HTML 15Page - Linear Technology LT3010 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3010/LT3010-5
3010f
BOOST
VIN
6
2
10
12
D1
10MQ060N
R1
15.4k
VOUT
5V
1A/50mA
4
4
8
5
1
2
15
14
11
CC
1nF
FOR INPUT VOLTAGES BELOW 7.5V,
SOME RESTRICTIONS MAY APPLY
INCREASE L1 TO 30
µH FOR LOAD
CURRENTS ABOVE 0.6A AND TO
60
µH ABOVE 1A
1, 8, 9, 16
LT1766
SHDN
SYNC
SW
BIAS
FB
VC
GND
C2
0.33
µF
C1
100
µF 10V
SOLID
TANTALUM
L1
†
15
µH
D2
D1N914
R2
4.99k
3010 TA03
C3
4.7
µF
100V
CERAMIC
VIN
5.5V*
TO 60V
+
SENSE
OUT
IN
SHDN
LT3010-5
GND
OPERATING
CURRENT
HIGH
LOW
*
†
5V Buck Converter with Low Current Keep Alive Backup
Buck Converter
Efficiency vs Load Current
TYPICAL APPLICATIO S
LOAD CURRENT (A)
0
80
90
100
1.00
3010 TA04
70
60
50
0.25
0.50
0.75
1.25
VIN = 10V
VIN = 42V
VOUT = 5V
L = 68
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com